Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3266Q Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA3266Q
Description  PLL IC for LCD Monitor/Projector
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3266Q Datasheet(HTML) 4 Page - Sony Corporation

  CXA3266Q Datasheet HTML 1Page - Sony Corporation CXA3266Q Datasheet HTML 2Page - Sony Corporation CXA3266Q Datasheet HTML 3Page - Sony Corporation CXA3266Q Datasheet HTML 4Page - Sony Corporation CXA3266Q Datasheet HTML 5Page - Sony Corporation CXA3266Q Datasheet HTML 6Page - Sony Corporation CXA3266Q Datasheet HTML 7Page - Sony Corporation CXA3266Q Datasheet HTML 8Page - Sony Corporation CXA3266Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
– 4 –
CXA3266Q
Pin No.
Symbol
Description
Reference voltage level
1
IOVCC
Digital power supply
5V
2
IOGND
Digital GND
0V
3
VCOH
External VCO input
PECL
4
VCOL
External inverted VCO input
PECL
5
VCO
External VCO input
TTL
6
HOLD
Phase detector disable signal input
TTL
7
SYNCH
Sync input
PECL
8
SYNCL
Inverted sync input
PECL
9
SYNC
Sync input
TTL
10
SENABLE
Control signal (enable)
TTL
11
SCLK
Control signal (clock)
TTL
12
SDATA
Control signal (data)
TTL
13
TLOAD
Programmable counter test input
TTL
14
CS
Chip select
TTL
15
SEROUT
Register read output
TTL
16
DIVOUT
Programmable counter test output
TTL
17
UNLOCK
Unlock signal output
TTL
18
DVCC
Digital power supply
5V
19
DGND
Digital GND
0V
20
CLK/2N
Inverted 1/2 clock output
TTL
21
CLK/2
1/2 clock output
TTL
22
CLKN
Inverted clock output
TTL
23
CLK
Clock output
TTL
24
DSYNC
Delay sync signal output
TTL
25
TTLGND
TTL output GND
0V
26
TTLVCC
TTL output power supply
5V
27
IOGND
Digital GND
0V
28
PECLVCC
PECL output power supply
5V
29
CLK/2L
Inverted 1/2 clock output
PECL
30
CLK/2H
1/2 clock output
PECL
31
CLKL
Inverted clock output
PECL
32
CLKH
Clock output
PECL
33
DSYNCL
Delay sync signal output
PECL
34
DSYNCH
Inverted delay sync signal output
PECL
35
VBB
PECL reference voltage
PECLVCC – 1.7V
36
PECLVCC
PECL output power supply
5V
37
IOGND
Digital GND
0V
38
VOCLP
TTL high level clamp
Clamp voltage
39
PLLVCC
PLL circuit analog power supply
5V
40
PLLGND
PLL circuit analog GND
0V
41
VCOVCC
VCO circuit analog power supply
5V
42
VCOGND
VCO circuit analog GND
0V
43
VCOHGND
VCO SUB analog GND
0V
44
IREF
Charge pump current preparation
1.2V
45
RC2
External pin for LPF
2.0 to 4.4V
46
RC1
External pin for LPF
2.1V
47
IRGND
IREF analog GND
0V
48
IRVCC
IREF analog power supply
5V


Similar Part No. - CXA3266Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
More results

Similar Description - CXA3266Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
   Color TFT-LCD Module for OHP/Projector
logo
Toshiba Semiconductor
TC9246F TOSHIBA-TC9246F Datasheet
404Kb / 10P
   PLL IC FOR DIGITAL AUDIO
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com