Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3250N Datasheet(PDF) 16 Page - Sony Corporation

Part # CXA3250N
Description  All Band TV Tuner IC with On-chip PLL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3250N Datasheet(HTML) 16 Page - Sony Corporation

Back Button CXA3250N Datasheet HTML 12Page - Sony Corporation CXA3250N Datasheet HTML 13Page - Sony Corporation CXA3250N Datasheet HTML 14Page - Sony Corporation CXA3250N Datasheet HTML 15Page - Sony Corporation CXA3250N Datasheet HTML 16Page - Sony Corporation CXA3250N Datasheet HTML 17Page - Sony Corporation CXA3250N Datasheet HTML 18Page - Sony Corporation CXA3250N Datasheet HTML 19Page - Sony Corporation CXA3250N Datasheet HTML 20Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
—16—
CXA3250N
Description of Analog Block Operation
(See the Electrical Characteristics Measurement Circuit.)
VHF oscillator circuit
• This circuit is a differential amplifier type oscillator circuit. Pin 18 is the output and Pin 16 is the input.
Oscillation is performed by connecting an LC resonance circuit including a varicap to Pin 18 via coupled
capacitance, inputting to Pin 16 with feedback capacitance, and applying positive feedback.
• The amplifier between Pins 16 and 18 has an extremely high gain. Therefore, care should be taken to
avoid creating parasitic capacitance, resistance or other feedback loops as this may produce abnormal
oscillation.
VHF mixer circuit
• The mixer circuit employs a double balanced mixer with little local oscillation signal leakage.
The input format is base input type, with Pin 12 grounded via a capacitor and the RF signal input to Pin
13. (Pin 12 can also be used to switch the PLL mode according to the applied DC voltage value.)
• The RF signal is fed from the oscillator, converted to IF frequency and output from Pins 9 and 10.
UHF oscillator circuit
• This oscillator circuit is designed so that two collector ground type Colpitts oscillators perform differential
oscillation operation via an LC resonance circuit including a varicap.
• Resonance capacitance is connected between Pins 19 and 20, Pins 20 and 21, and Pins 21 and 22, and
an LC resonance circuit including a varicap is connected between Pins 19 and 22.
UHF mixer circuit
• This circuit employs a double balanced mixer like the VHF mixer circuit.
The input format is base input type, with Pins 14 and 15 as the RF input pins. The input method can be
selected from balanced input consisting of differential input to Pins 14 and 15 or unbalanced input
consisting of grounding Pin 14 via a capacitor and input to Pin 15.
• Pins 9 and 10 are the mixer outputs.
IF amplifier circuit
• The signals frequency converted by the mixer are output from Pins 9 and 10, and at the same time are
AC coupled inside the IC and input to the IF amplifier.
• Single-tuned filters are connected to Pins 9 and 10 in order to improve the interference characteristics of
the IF amplifier.
• The signal amplified by the IF amplifier is output from Pin 25.
The output impedance is approximately 75
Ω.


Similar Part No. - CXA3250N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3250N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com