Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0215.125MRET1P Datasheet(PDF) 1 Page - Littelfuse

Part No. 0215.125MRET1P
Description  215 Series, 5 x 20 mm, Time-Lag (Slo-Blo®) Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0215.125MRET1P Datasheet(HTML) 1 Page - Littelfuse

  0215.125MRET1P Datasheet HTML 1Page - Littelfuse 0215.125MRET1P Datasheet HTML 2Page - Littelfuse 0215.125MRET1P Datasheet HTML 3Page - Littelfuse 0215.125MRET1P Datasheet HTML 4Page - Littelfuse 0215.125MRET1P Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Axial Lead & Cartridge Fuses
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
215 Series
5×20 mm > Time-Lag > 215 Series
Please refer to www.littelfuse.com/series/215.html for current information.
215 Series, 5 x 20 mm,Time-Lag (Slo-Blo®) Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
NBK080205-E10480A
NBK250702-E10480E
NBK100408-JP1021A
Leaded Certificates:
NBK080205-E10480B
NBK250702-E10480F
NBK100408-JP1021B
1A – 5A
6.3A – 15A
16A – 20A
1A – 5A
6.3A – 15A
16A – 20A
.
Certificates:
2005010207145714
1A – 6.3A
Certificates:
SU05001– 2011
SU05001– 2012
1A – 3.15A
4A – 10A
Recognised File:
E10480
125mA – 20A
File:
029862
Acc. Class:
LR1422 – 30
500mA – 12A
License:
606726
902193
1117976
709071
709302
125mA, 160mA
200mA – 800mA, 8A, 10A
1A - 6.3A
12A
*15A – *20A
License:
40013521
200mA – 8A
*10A
License:
40016610
*12A
License:
KM41462
200mA – 10A
125mA – 20A
Features
Electrical Characteristics for Series
% of Ampere
Rating
Ampere Rating
Opening Time
150%
125mA – 800mA
60 minutes, Minimum
1A – 3.15A
60 minutes, Minimum
4A – 6.3A
60 minutes, Minimum
8A – 20A
30 minutes, Minimum
210%
125mA – 800mA
30 minutes, Maximum
1A – 3.15A
30 minutes, Maximum
4A – 6.3A
30 minutes, Maximum
8A – 12A
30 minutes, Maximum
275%
125mA – 800mA
.25 sec. Min.; 80 secs. Max.
1A – 3.15A
.75 sec. Min.; 80 secs. Max.
4A – 6.3A
.75 sec. Min.; 80 secs. Max.
8A – 20A
.75 sec. Min.; 80 secs. Max.
400%
125mA – 800mA
.05 sec., Min.; 5 secs. Max.
1A – 3.15A
.095 sec., Min.; 5 secs. Max.
4A – 6.3A
.150 sec., Min.; 5 secs. Max.
8A – 20A
.150 sec., Min.; 5 secs. Max.
1000%
125mA – 800mA
.005 sec., Min.; .150 sec. Max.
1A – 3.15A
.010 sec., Min.; .150 sec. Max.
4A – 6.3A
.010 sec., Min.; .150 sec. Max.
8A – 20A
.010 sec., Min.; .150 sec. Max.
Applications
* Approved for cartridge versions only
5x20mm Time-Lag surge withstand ceramic body cartridge
fuse designed to IEC specification
International (IEC )
Standards for use
globally
60127-2, Sheet 5
specification for Time-
Lag fuses
lead-free
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
PS
E
Description
Revised: April 23, 2012


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn