Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0215.125MRET1P Datasheet(PDF) 5 Page - Littelfuse

Part No. 0215.125MRET1P
Description  215 Series, 5 x 20 mm, Time-Lag (Slo-Blo®) Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0215.125MRET1P Datasheet(HTML) 5 Page - Littelfuse

  0215.125MRET1P Datasheet HTML 1Page - Littelfuse 0215.125MRET1P Datasheet HTML 2Page - Littelfuse 0215.125MRET1P Datasheet HTML 3Page - Littelfuse 0215.125MRET1P Datasheet HTML 4Page - Littelfuse 0215.125MRET1P Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
215 Series
5×20 mm > Time-Lag > 215 Series
Please refer to www.littelfuse.com/series/215.html for current information.
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
215 Series
N/A
1000
MX
N/A
N/A
1000
MXE
N/A
Reel and Tape
N/A
1000
MRET1
T1=52mm (2.062”)
N/A
1000
N/A
N/A
1000
MXB
N/A
N/A
100
N/A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn