Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0215.125MRET1P Datasheet(PDF) 3 Page - Littelfuse

Part No. 0215.125MRET1P
Description  215 Series, 5 x 20 mm, Time-Lag (Slo-Blo®) Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0215.125MRET1P Datasheet(HTML) 3 Page - Littelfuse

  0215.125MRET1P Datasheet HTML 1Page - Littelfuse 0215.125MRET1P Datasheet HTML 2Page - Littelfuse 0215.125MRET1P Datasheet HTML 3Page - Littelfuse 0215.125MRET1P Datasheet HTML 4Page - Littelfuse 0215.125MRET1P Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
215 Series
5×20 mm > Time-Lag > 215 Series
Please refer to www.littelfuse.com/series/215.html for current information.
Average Time Current Curves
100
1000
10000
10
1
0.1
0.01
0.001
0.1
1
10
100
1000
CURRENT IN AMPERES
T-C Curves for 125mA to 800mA only
T-C Curves for 1A to 20A only
100
1000
10000
10
0.1
0.01
0.001
0.1
1
10
100
1000
CURRENT IN AMPERES
Materials
Body: Ceramic
Cap:
Leads: Tin–plated Copper
Terminal Strength
Condition A
Solderability
Reference IEC 60127 Second Edition
2003-01 Annex A
Product Marking
Cap 1: Brand logo, current and voltage
ratings
Cap 2:
Product Characteristics
Operating Temperature
–55ºC to +125ºC
Thermal Shock
Condition B (5 cycles, –65ºC to
+125ºC)
Vibration
Humidity
elevated temp (40ºC) for 240 hours)
Salt Spray
Condition B


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn