Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0215.125MRET1P Datasheet(PDF) 2 Page - Littelfuse

Part No. 0215.125MRET1P
Description  215 Series, 5 x 20 mm, Time-Lag (Slo-Blo®) Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0215.125MRET1P Datasheet(HTML) 2 Page - Littelfuse

  0215.125MRET1P Datasheet HTML 1Page - Littelfuse 0215.125MRET1P Datasheet HTML 2Page - Littelfuse 0215.125MRET1P Datasheet HTML 3Page - Littelfuse 0215.125MRET1P Datasheet HTML 4Page - Littelfuse 0215.125MRET1P Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
215 Series
5×20 mm > Time-Lag > 215 Series
Please refer to www.littelfuse.com/series/215.html for current information.
Temperature Rerating Curve
Amp
Code
Amp
Rating
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t
(A2 sec)
Maximum
Voltage
Drop at
Rated
Current
(mV)
Maximum
Power
Dissipation
at Rated
Current
(W)
Agency Approvals
PS
E
.125
0.125
250
1500 A @
250 VAC
11.4455
0.0330
2600
1.6
x
x
x
.160
0.16
250
7.1000
0.0465
2400
1.6
x
x
x
.200
0.2
250
1.8400
0.340
2100
1.6
x
x
x
x
x
.250
0.25
250
1.2400
0.545
1500
1.6
x
x
x
x
x
.315
0.315
250
0.8800
0.975
1100
1.6
x
x
x
x
x
.400
0.4
250
0.5825
1.325
1000
1.6
x
x
x
x
x
.500
0.5
250
1.1675
0.420
850
1.6
x
x
x
x
x
x
.630
0.63
250
0.7200
0.635
650
1.6
x
x
x
x
x
x
.800
0.8
250
0.4675
0.975
500
1.6
x
x
x
x
x
x
001.
1
250
0.1515
1.520
350
2.5
x
x
x
x
x
x
x
x
x
1.25
1.25
250
0.1074
3.200
300
2.5
x
x
x
xx
x
x
x
x
01.6
1.6
250
0.0707
6.830
200
2.5
x
x
x
x
x
x
x
x
x
002.
2
250
0.0566
11.680
190
2.5
x
x
x
x
x
x
x
x
x
02.5
2.5
250
0.0386
22.290
180
2.5
x
x
x
x
x
x
x
x
x
3.15
3.15
250
0.0283
43.255
140
4
x
x
x
x
x
x
x
x
x
004.
4
250
0.0185
46.960
100
4
x
x
x
x
x
x
x
x
x
005.
5
250
0.0153
66.095
100
4
x
x
x
x
x
x
x
x
x
06.3
6.3
250
0.0108
128.750
100
4
x
x
x
x
x
x
x
x
x
008.
8
250
0.0092
209.880
100
4
x
x
x
x
x
x
x
x
010.
10
250
0.0066
333.565
100
4
x
x
x
x
x
x
x*
x
012.
12
250
0.0061
515.500
100
4
x
x
x
x
x*
x
015.
15
250
500 A
0.0033
1237.0
TBA**
TBA**
x
x
x*
016.
16
250
0.0031
1408.0
TBA**
TBA**
xx
x*
020.
20
250
400 A
0.0023
2600.0
TBA**
TBA**
xx
x*
Electrical Characteristic Specifications by Item
X* Approval for cartridge versions only
TBA** - Please contact Littelfuse for details on these parameters
I
2t test at 10x rated current.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn