Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3225N Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3225N
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3225N Datasheet(HTML) 1 Page - Sony Corporation

  CXA3225N Datasheet HTML 1Page - Sony Corporation CXA3225N Datasheet HTML 2Page - Sony Corporation CXA3225N Datasheet HTML 3Page - Sony Corporation CXA3225N Datasheet HTML 4Page - Sony Corporation CXA3225N Datasheet HTML 5Page - Sony Corporation CXA3225N Datasheet HTML 6Page - Sony Corporation CXA3225N Datasheet HTML 7Page - Sony Corporation CXA3225N Datasheet HTML 8Page - Sony Corporation CXA3225N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
—1—
E98950-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC1
–0.3 to +5.5
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
465
mW
(when mounted on a printed circuit board)
Operating Conditions
• Supply voltage
VCC1
4.75 to 5.30
V
• Operating temperature
Topr
–20 to +75
°C
Description
The CXA3225N is a TV tuner monolithic IC which
integrates local oscillator and mixer circuits for VHF
band, local oscillator and mixer circuits for UHF
band, and an IF amplifier onto a single chip. This IC
adopts a 20-pin SSOP package and is suitable for
miniaturizing voltage synthesizer tuner.
Features
• Low power consumption (5 V, 46 mA typ.)
• Single 5 V power supply
• Superior cross modulation
• Balance-type UHF oscillator with good oscillation
stability (4 pins)
• IF output can be selected from symmetrical or
asymmetrical
• Double-tuned filter can be connected to MIX output
• SSOP 20-pin package
Applications
• TV tuners
• VCR tuners
• CATV tuners
Structure
Bipolar silicon monolithic IC
All Band TV Tuner IC (VHF-CATV-UHF)
20 pin SSOP (Plastic)
CXA3225N


Similar Part No. - CXA3225N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3222N SONY-CXA3222N Datasheet
149Kb / 8P
   TX Gain Control Amplifier
More results

Similar Description - CXA3225N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com