Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-703 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # FX-703
Description  Low Jitter VCSO Frequency Translator Jitter Attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-703 Datasheet(HTML) 3 Page - Vectron International, Inc

  FX-703 Datasheet HTML 1Page - Vectron International, Inc FX-703 Datasheet HTML 2Page - Vectron International, Inc FX-703 Datasheet HTML 3Page - Vectron International, Inc FX-703 Datasheet HTML 4Page - Vectron International, Inc FX-703 Datasheet HTML 5Page - Vectron International, Inc FX-703 Datasheet HTML 6Page - Vectron International, Inc FX-703 Datasheet HTML 7Page - Vectron International, Inc FX-703 Datasheet HTML 8Page - Vectron International, Inc FX-703 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
3 of 10
FX-703 Low Jitter VCSO Frequency Translator and Jitter Attenuator
3
3
Rev: 03Apr2012
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied
at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to
absolute maximum ratings for extended periods may adversely affect device reliability.
The FX-703 is capable of meeting the following qualification tests:
Although ESD protection circuitry has been designed into the the FX-703, proper precautions should be taken when handling
and mounting. VI employs a Human Body Model (HBM) and a Charged Device Model (CDM) for ESD susceptibility testing and
design protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model.
Reliability
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
CC
0 to 6
V
Input Current
I
IN
100
mA
Output Current
I
OUT
25
mA
Storage Temperature
T
STR
-55 to 125
0C
Soldering Temperature/Duration
T
PEAK
/t
P
260 / 40
0C/sec
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Moisture Sensitivity Level Rating
MSL 1
Handling Precautions
Table 4. Predicted ESD Ratings
Model
Class
Minimum
Conditions
Human Body Model
2
2000 V
MIL-STD 883, Method 3015
Charged Device Model
C5
1000 V
JEDEC, JESD22-C101
Machine Model
M3
200 V
ESD STM5.2-1999
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - FX-703

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-700-LAC-GNK-A3-K2 VECTRON-FX-700-LAC-GNK-A3-K2 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-700-XXX VECTRON-FX-700-XXX Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
More results

Similar Description - FX-703

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-702-ECE-HLM VECTRON-FX-702-ECE-HLM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
FX-702 VECTRON-FX-702_10 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730_09 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
logo
Abracon Corporation
ABFT ABRACON-ABFT Datasheet
2Mb / 5P
   Frequency Translator / Jitter Attenuator
03.01.12
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com