Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3218N Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3218N
Description  FM Demodulator for BS/CS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3218N Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3218N Datasheet HTML 4Page - Sony Corporation CXA3218N Datasheet HTML 5Page - Sony Corporation CXA3218N Datasheet HTML 6Page - Sony Corporation CXA3218N Datasheet HTML 7Page - Sony Corporation CXA3218N Datasheet HTML 8Page - Sony Corporation CXA3218N Datasheet HTML 9Page - Sony Corporation CXA3218N Datasheet HTML 10Page - Sony Corporation CXA3218N Datasheet HTML 11Page - Sony Corporation CXA3218N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
—8—
CXA3218N
AC Characteristics (Video)
(Ta=25 °C, VCC=5 V, See the Electrical Characteristics Measurement Circuit.)
31
32
33
34
Item
IF
→ DET output DG
IF
→ DET output DP
fsc beat suppression level
IF
→ DET output S/N
Pin
7
7
7
7
Symbol
DGA
DPA
IMA
CSN
Conditions
IF input
1
IF input
1
IF input
IF input
1 Varies according to the external constant (coil, varicap).
Min.
Typ.
Max.
Unit
0
0.3
1.5
%
–2
0
2
deg
40
45
dB
55
60
dB
AC characteristics (AFT)
(Ta=25 °C, VCC=5 V, See the Electrical Characteristics Measurement Circuit.)
42
43
44
45
Item
AFT offset adjustment
sensitivity
AFT dead zone width
AFTUP/AFTDOWN Low
AFTUP/AFTDOWN High
Pin
6
10, 11
10, 11
Symbol
fAFT/V
fAFT/D
AFTL
AFTH
Conditions
f0 variation/Pin 6 DC variation
Min.
Typ.
Max.
Unit
5
8
12
MHz/V
60
180
360
kHz
0
0.1
0.4
V
4.7
4.9
VCC
AGC Characteristics (PLL)
(Ta=25 °C, VCC=5 V, See the Electrical Characteristics Measurement Circuit.)
21
22
23
24
25-1
25-2
26
27
Item
VCO variation sensitivity
VCO oscillation frequency
PLL capture range
DETOUT level
DETOUT level variable
range 1
DETOUT level variable
range 2
GCONT adjustment
sensitivity
DETOUT frequency
response (8 MHz)
Pin
7
7
7
7
7
Symbol
β
fosc
CAP
VOUT
VPdB
VMdB
∆ VOUT
VOUTf
Conditions
1
1
Sum of positive/negative
1
polarities
Dev.=17 MHzpp, Pin 9=2.7 V
VOUT=0 dB, Pin 9=+0.5 V
VOUT=0 dB, Pin 9=–0.5 V
Output level/Pin 9 DC
variation
8 MHz/1 MHz
Min.
Typ.
Max.
Unit
32
37
42
MHz/V
400
40
MHz
0.60
0.68
0.76
Vp-p
1
2
dB
–2
–1
dB
2
4
6
dB/V
–1
0
1
dB
1 Varies according to the external constant (coil, varicap).
This characteristic is for NTSC, and it works at 480 MHz for PAL.


Similar Part No. - CXA3218N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3219M SONY-CXA3219M Datasheet
205Kb / 15P
   UHF-Band RF Modulator for VCR
More results

Similar Description - CXA3218N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8946SB PANASONIC-AN8946SB Datasheet
86Kb / 10P
   FM demodulation IC for BS/CS broadcasting
logo
Sanyo Semicon Device
LV5636VH SANYO-LV5636VH Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
logo
Renesas Technology Corp
HVC316 RENESAS-HVC316 Datasheet
154Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
   Down Converter for BS/CS Tuner IC
logo
Renesas Technology Corp
M62260FP RENESAS-M62260FP Datasheet
2Mb / 7P
   CS/BS CONVERTER DRIVER IC
HVU316 RENESAS-HVU316 Datasheet
144Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
HVD316 RENESAS-HVD316 Datasheet
61Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F Datasheet
247Kb / 9P
   DOWN COVERTER FOR BS/CS TUNER IC
logo
Hitachi Semiconductor
HVU316 HITACHI-HVU316 Datasheet
27Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Sanyo Semicon Device
LV5636VG SANYO-LV5636VG Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com