Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3205N Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA3205N
Description  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3205N Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3205N Datasheet HTML 2Page - Sony Corporation CXA3205N Datasheet HTML 3Page - Sony Corporation CXA3205N Datasheet HTML 4Page - Sony Corporation CXA3205N Datasheet HTML 5Page - Sony Corporation CXA3205N Datasheet HTML 6Page - Sony Corporation CXA3205N Datasheet HTML 7Page - Sony Corporation CXA3205N Datasheet HTML 8Page - Sony Corporation CXA3205N Datasheet HTML 9Page - Sony Corporation CXA3205N Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
—6—
CXA3205N
Electrical Characteristics
See the Electrical Characteristics Measurement Circuit.
Circuit Current
(VCC=5 V, Ta=25 °C)
Item
Circuit current A
Circuit current D
Symbol
AICCV
AICCU
DICC
Measurement conditions
VCC1 current, Band switch output
open during VHF operation
VCC1 current, Band switch output
open during UHF operation
VCC2 current
Min.
Typ.
Max.
Unit
36
47
61
mA
37
48
62
mA
7
11
15
mA
Item
Conversion gain
1, 5
Noise figure ∗1, ∗2
1 % cross
modulation ∗1, ∗3
Maximum output power
Switch ON drift ∗4
Supply voltage drift
4
Symbol
CG1
CG2
CG3
CG4
NF1
NF2
NF3
NF4
CM1
CM2
CM3
CM4
Pomax
∆fsw1
∆fsw2
∆fsw3
∆fsw4
∆fst1
∆fst2
∆fst3
∆fst4
Measurement conditions
VHF operation fRF = 55 MHz
VHF operation fRF = 360 MHz
UHF operation fRF = 360 MHz
UHF operation fRF = 800 MHz
VHF operation fRF = 55 MHz
VHF operation fRF = 360 MHz
UHF operation fRF = 360 MHz
UHF operation fRF = 800 MHz
VHF operation
fD = 55 MHz, fUD = ±12 MHz
VHF operation
fD = 360 MHz, fUD = ±12 MHz
UHF operation
fD = 360 MHz, fUD = ±12 MHz
UHF operation
fD = 800 MHz, fUD = ±12 MHz
50
Ω load saturation output
VHF operation
fOSC = 100 MHz
∆f from 3 s to 3 min after switch ON
VHF operation
fOSC = 405 MHz
∆f from 3 s to 3 min after switch ON
UHF operation
fOSC = 405 MHz
∆f from 3 s to 3 min after switch ON
UHF operation
fOSC = 845 MHz
∆f from 3 s to 3 min after switch ON
VHF operation
fOSC = 100 MHz
∆f when VCC 5 V changes ±5 %
VHF operation
fOSC = 405 MHz
∆f when VCC 5 V changes ±5 %
UHF operation
fOSC = 405 MHz
∆f when VCC 5 V changes ±5 %
UHF operation
fOSC = 845 MHz
∆f when VCC 5 V changes ±5 %
Min.
Typ.
Max.
Unit
24
28
31
dB
25
29
32
dB
29
33
36
dB
30
34
37
dB
12
15
dB
11
14
dB
8.5
12.5
dB
9.5
13.5
dB
97
101
dBµ
96
100
dBµ
92
96
dBµ
88
92
dBµ
+9
+14
dBm
±300
kHz
±400
kHz
±400
kHz
±500
kHz
±150
kHz
±250
kHz
±200
kHz
±250
kHz
OSC/MIX/IF Amplifier Block


Similar Part No. - CXA3205N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
More results

Similar Description - CXA3205N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com