Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQS466EEN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQS466EEN
Description  Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS466EEN Datasheet(HTML) 3 Page - Vishay Siliconix

  SQS466EEN Datasheet HTML 1Page - Vishay Siliconix SQS466EEN Datasheet HTML 2Page - Vishay Siliconix SQS466EEN Datasheet HTML 3Page - Vishay Siliconix SQS466EEN Datasheet HTML 4Page - Vishay Siliconix SQS466EEN Datasheet HTML 5Page - Vishay Siliconix SQS466EEN Datasheet HTML 6Page - Vishay Siliconix SQS466EEN Datasheet HTML 7Page - Vishay Siliconix SQS466EEN Datasheet HTML 8Page - Vishay Siliconix SQS466EEN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SQS466EEN
www.vishay.com
Vishay Siliconix
S11-2129 Rev. B, 31-Oct-11
3
Document Number: 71481
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
Transconductance
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
On-Resistance vs. Drain Current
0
0
6
12
24
30
18
0.003
0.001
0.005
0.002
0.004
VGS - Gate-to-Source Voltage (V)
T
J = 25 °C
0
012345
3
6
9
12
15
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0
02468
10
5
10
15
20
25
I
D - Drain Current (A)
T
C = 125 °C
T
C = 25 °C
T
C = - 55 °C
10
-10
0
6
12
24
30
18
10
-2
10
-8
10
-6
10
-4
VGS - Gate-to-Source Voltage (V)
T
J = 25 °C
T
J = 150 °C
0
012345
3
6
9
12
15
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = 25 °C
T
C = - 55 °C
0.00
0369
12
15
0.03
0.06
0.09
0.15
0.12
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V


Similar Part No. - SQS466EEN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS460CENW VISHAY-SQS460CENW Datasheet
187Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS460CENW VISHAY-SQS460CENW Datasheet
186Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS460CENW VISHAY-SQS460CENW_V01 Datasheet
186Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS460EN VISHAY-SQS460EN Datasheet
566Kb / 13P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 15-Oct-12
SQS460EN VISHAY-SQS460EN Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
More results

Similar Description - SQS466EEN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQP60N06-15 VISHAY-SQP60N06-15 Datasheet
135Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com