Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM50N04-4M0L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQM50N04-4M0L
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM50N04-4M0L Datasheet(HTML) 5 Page - Vishay Siliconix

  SQM50N04-4M0L Datasheet HTML 1Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 2Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 3Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 4Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 5Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 6Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 7Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 8Page - Vishay Siliconix SQM50N04-4M0L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SQM50N04-4m0L
www.vishay.com
Vishay Siliconix
S12-1847-Rev. B, 30-Jul-12
5
Document Number: 66800
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.01
0.1
1
100
10
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
BVDSS Limited
T
C = 25 °C
Single Pulse
1 ms
10 ms
1 s, 10 s, DC
100 ms
100 μs
Limited
by R
DS(on)*
I
DM Limited
I
D Limited
10
-4
10
-3
10
-2
10
-1
1
10
100
1000
1
0.01
0.001
0.1
0.0001
Square Wave Pulse Duration (s)


Similar Part No. - SQM50N04-4M0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM50N04-4m0L VISHAY-SQM50N04-4m0L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM50N04-4m0L VISHAY-SQM50N04-4m0L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM50N04-4m0L VISHAY-SQM50N04-4m0L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM50N04-4M0L VISHAY-SQM50N04-4M0L Datasheet
159Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
SQM50N04-4M0L VISHAY-SQM50N04-4M0L Datasheet
159Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQM50N04-4M0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com