Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ960EP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQJ960EP
Description  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ960EP Datasheet(HTML) 6 Page - Vishay Siliconix

  SQJ960EP Datasheet HTML 1Page - Vishay Siliconix SQJ960EP Datasheet HTML 2Page - Vishay Siliconix SQJ960EP Datasheet HTML 3Page - Vishay Siliconix SQJ960EP Datasheet HTML 4Page - Vishay Siliconix SQJ960EP Datasheet HTML 5Page - Vishay Siliconix SQJ960EP Datasheet HTML 6Page - Vishay Siliconix SQJ960EP Datasheet HTML 7Page - Vishay Siliconix SQJ960EP Datasheet HTML 8Page - Vishay Siliconix SQJ960EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SQJ960EP
www.vishay.com
Vishay Siliconix
S12-2275-Rev. C, 24-Sep-12
6
Document Number: 67017
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?67017.
10-3
10-2
10-1
10-4
1
2
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Pulse
Single
0.02
0.05


Similar Part No. - SQJ960EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ960EP VISHAY-SQJ960EP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ960EP VISHAY-SQJ960EP Datasheet
234Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ960EP VISHAY-SQJ960EP Datasheet
233Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 17-Aug-15
SQJ960EP VISHAY-SQJ960EP_V01 Datasheet
234Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ960EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB00EP VISHAY-SQJB00EP_V02 Datasheet
278Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ960EP VISHAY-SQJ960EP_V02 Datasheet
233Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ968EP VISHAY-SQJ968EP_V02 Datasheet
197Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ992EP VISHAY-SQJ992EP_V02 Datasheet
230Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB60EP VISHAY-SQJB60EP Datasheet
232Kb / 7P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com