Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF904AR Datasheet(PDF) 73 Page - NXP Semiconductors

Part # BF904AR
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF904AR Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button BF904AR Datasheet HTML 69Page - NXP Semiconductors BF904AR Datasheet HTML 70Page - NXP Semiconductors BF904AR Datasheet HTML 71Page - NXP Semiconductors BF904AR Datasheet HTML 72Page - NXP Semiconductors BF904AR Datasheet HTML 73Page - NXP Semiconductors BF904AR Datasheet HTML 74Page - NXP Semiconductors BF904AR Datasheet HTML 75Page - NXP Semiconductors BF904AR Datasheet HTML 76Page - NXP Semiconductors BF904AR Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
74
NXP Semiconductors RF Manual 16th edition
2.6.4
High-performance,small-sizepackagingenabledbyNXP'sleadlesspackageplatform
andWL-CSPtechnology
RF small-signal packaging is driven by two major trends which partly overlap
` Lower parasitics for better RF performance
` Smaller form factors for portable applications
To cope with these trends, NXP uses several approaches
` For non-space-restricted applications the use of flat-pack packages instead of gull-wing versions reduces the parasitic
impedance because of shorter lead length (e.g. SOT343F instead of SOT343). This results in better RF performance in
the Ku and Ka bands (13-20GHz). To reduce PCB board space, a smaller version (SOT1206) is also available.
SOT343
SOT343F
SOT1206
` For space-restricted applications there are two routes to reduce the form factor and parasitics:
- Leadless package platform
- Wafer Level Chip Scale Package (WL-CSP) technology
The leadless package (UTLP) platform (>25 variants already
released) is highly flexible with respect to package size,
package height, and I/O pitch. For example, the 6-pin
packages range in size from 1.45 x 1 x 0.5 mm with 0.5 mm
pitch to 0.8 x 0.8 x 0.35 mm with 0.3 mm pitch. Package height
of 0.25 mm is planned.
Because of the compact size of the design, wire lengths and
parasitic impedance are also restricted. The absence of leads
further reduces the inductance.
Wafer Level Chip Scale Package technology is ideally for
RF functions where the I/O pitch has to fit within the chip
area. With larger pitches and smaller designs (and thus little
effective chip area), it is more cost-effective to do the fan-out
using a leadless package instead of increasing the chip size.
The absence of wires gives the lowest parasitic inductance
available.
SOT886
SOT891
SOT1208
0.65 x 0.44 x 0.29 mm (incl. 0.09 mm balls)
5 I/Os @ 0.22 mm pitch


Similar Part No. - BF904AR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF904AR PHILIPS-BF904AR Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
BF904AR NXP-BF904AR Datasheet
308Kb / 15P
   N-channel dual gate MOS-FETs
Rev. 04-13 November 2007
More results

Similar Description - BF904AR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com