Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF904A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # BF904A
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF904A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button BF904A Datasheet HTML 19Page - NXP Semiconductors BF904A Datasheet HTML 20Page - NXP Semiconductors BF904A Datasheet HTML 21Page - NXP Semiconductors BF904A Datasheet HTML 22Page - NXP Semiconductors BF904A Datasheet HTML 23Page - NXP Semiconductors BF904A Datasheet HTML 24Page - NXP Semiconductors BF904A Datasheet HTML 25Page - NXP Semiconductors BF904A Datasheet HTML 26Page - NXP Semiconductors BF904A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
24
NXP Semiconductors RF Manual 16th edition
Recommended products
Outdoor unit
Function
Product
Package
Type
IF
MMIC
IF gain block
SOT363
BGA2800
BGA2801
BGA2815
BGA2816
BGA2850
BGA2865
BGA2866
BGM1014
BGM1013
BGM1012
BGA2714
Function
Product
Package
Type
LNA2
RF transistor
SiGe:C transistor
SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
MMIC
SiGe:C MMIC
SOT891
BGU7003
Function
Product
Package
Type
PLL
RF IC
SiGe:C IC
SOT616
TFF1003HN
TFF1007HN
TFF11xxxHN^
Function
Product
Package
Type
Oscillator
RF transistor
Wideband
transistor
SOT343R
BFG424W
BFG425W
SiGe:C transistor
SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
Function
Product
Package
Type
Synth
RF diode
Varicap diode
SOD523
BB202
Function
Product
Package
Type
Buffer
RF transistor
SiGe:C transistor
SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
^ 17 different types with LO ranges: 7-15 GHz, see 3.4.4
Product highlight:
TFF1007HN Low phase noise LO generator
for VSAT applications
The TFF1007HN is a Ku-band frequency generator intended for
low phase noise local-oscillator (LO) circuits for Ku-band VSAT
transmitters and transceivers. The specified phase noise complies
with IESS-308 from Intelsat.
Features
` Divider settings: 64
` Input signal 230.46 to 234.38 MHz
` Internally stabalized voltage references for loop filter and output
power level
` LO generator with VCO range: 14.75 to 15 GHz
` Output level -4 dBm minimum
` Phase noise compliant with IESS-308 (Intelsat)
` Third- or fourth-order PLL


Similar Part No. - BF904A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
BF904A NXP-BF904A Datasheet
308Kb / 15P
   N-channel dual gate MOS-FETs
Rev. 04-13 November 2007
BF904AR PHILIPS-BF904AR Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
BF904AR NXP-BF904AR Datasheet
308Kb / 15P
   N-channel dual gate MOS-FETs
Rev. 04-13 November 2007
BF904AWR PHILIPS-BF904AWR Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
More results

Similar Description - BF904A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com