Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD15N06-42L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQD15N06-42L
Description  Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD15N06-42L Datasheet(HTML) 1 Page - Vishay Siliconix

  SQD15N06-42L Datasheet HTML 1Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 2Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 3Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 4Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 5Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 6Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 7Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 8Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SQD15N06-42L
www.vishay.com
Vishay Siliconix
S12-2198-Rev. E, 24-Sep-12
1
Document Number: 68880
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
FEATURES
•TrenchFET® Power MOSFET
•100 % Rg and UIS Tested
• AEC-Q101 Qualified
• Package with Low Thermal Resistance
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
PRODUCT SUMMARYd
VDS (V)
60
RDS(on) () at VGS = 10 V
0.042
RDS(on) () at VGS = 4.5 V
0.060
ID (A)
15
Configuration
Single
D
G
S
N-Channel MOSFET
TO-252
S
GD
Top View
Drain Connected to Tab
ORDERING INFORMATION
Package
TO-252
Lead (Pb)-free and Halogen-free
SQD15N06-42L-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °Ca
ID
15
A
TC = 125 °C
10
Continuous Source Current (Diode Conduction)a
IS
15
Pulsed Drain Currentb
IDM
50
Single Pulse Avalanche Current
L = 0.1 mH
IAS
18
Single Pulse Avalanche Energy
EAS
16
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
33
W
TC = 125 °C
11
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
50
°C/W
Junction-to-Case (Drain)
RthJC
4.5


Similar Part No. - SQD15N06-42L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
More results

Similar Description - SQD15N06-42L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQP60N06-15 VISHAY-SQP60N06-15 Datasheet
135Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com