Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEWHT-L1-0000-009F8 Datasheet(PDF) 9 Page - Cree, Inc

Part # XPEWHT-L1-0000-009F8
Description  Cree짰 XLamp짰 XP Family LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEWHT-L1-0000-009F8 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XPEWHT-L1-0000-009F8 Datasheet HTML 5Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 6Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 7Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 8Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 9Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 10Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 11Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 12Page - Cree, Inc XPEWHT-L1-0000-009F8 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
Cree’s sTanDarD ChromaTiCiTy regions PLoTTeD on The 1931 Cie Curve
cool white
aNSI cool white














































5000K
5700K
6500K
8000K
0A
0B
0C
0D
0R
0S
0T
0U
1A
1B
1C
1D
2A
2B
2C
2D
3A
3B
1R
1S
1T
1U
2R
2S
2T
2U
3R
3S
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
CCx
ANSI
C78.377A


Similar Part No. - XPEWHT-L1-0000-009F8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-009F8 CREE-XPEWHT-L1-0000-009F8 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEWHT-L1-0000-009F8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com