Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3199TN Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA3199TN
Description  Wideband Pre-amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3199TN Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3199TN Datasheet HTML 2Page - Sony Corporation CXA3199TN Datasheet HTML 3Page - Sony Corporation CXA3199TN Datasheet HTML 4Page - Sony Corporation CXA3199TN Datasheet HTML 5Page - Sony Corporation CXA3199TN Datasheet HTML 6Page - Sony Corporation CXA3199TN Datasheet HTML 7Page - Sony Corporation CXA3199TN Datasheet HTML 8Page - Sony Corporation CXA3199TN Datasheet HTML 9Page - Sony Corporation CXA3199TN Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
—6—
CXA3199TN
Application Circuit
LH
9
10
6
7
8
1
2
3
4
5
3.3V
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Similar Part No. - CXA3199TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3197 SONY-CXA3197 Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
More results

Similar Description - CXA3199TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
   Wideband Pre-amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com