Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEWHT-L1-0000-00AZ7 Datasheet(PDF) 10 Page - Cree, Inc

Part # XPEWHT-L1-0000-00AZ7
Description  Cree짰 XLamp짰 XP Family LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEWHT-L1-0000-00AZ7 Datasheet(HTML) 10 Page - Cree, Inc

Back Button XPEWHT-L1-0000-00AZ7 Datasheet HTML 6Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 7Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 8Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 9Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 10Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 11Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 12Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 13Page - Cree, Inc XPEWHT-L1-0000-00AZ7 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
Cree’s sTanDarD ChromaTiCiTy regions PLoTTeD on The 1931 Cie Curve (ConTinueD)
Neutral white
3500K
4000K
4500K
5000K
3A
3B
3C
3D
4A
4B
4C
4D
3R
3S
3T
3U
4R
4S
4T
4U
5R
5S
5T
5U
5A1
5A2
5A3
5A4
5B1
5B2
5B3
5B4
5C1
5C2
5C3
5C4
5D1
5D2
5D3
5D4
6A1
6A2
6A3
6A4
6B1
6B2
6B3
6B4
6C1
6C2
6C3
6C4
6D1
6D2
6D3
6D4
6R
6S
6T
6U
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI
C78.377A
aNSI Neutral white and aNSI warm white
2700K
3000K
3500K
4000K
4500K
5000K
3A
3B
3C
3D
4A
4B
4C
4D
5A1
5A2
5A3
5A4
5B1
5B2
5B3
5B4
5C1
5C2
5C3
5C4
5D1
5D2
5D3
5D4
6A1
6A2
6A3
6A4
6B1
6B2
6B3
6B4
6C1
6C2
6C3
6C4
6D1
6D2
6D3
6D4
7A1
7A2
7A3
7A4
7B1
7B2
7B3
7B4
7C1
7C2
7C3
7C4
7D1
7D2
7D3
7D4
8A1
8A2
8A3
8A4
8B1
8B2
8B3
8B4
8C1
8C2
8C3
8C4
8D1
8D2
8D3
8D4
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
CCx
ANSI
C78.377A


Similar Part No. - XPEWHT-L1-0000-00AZ7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00AZ7 CREE-XPEWHT-L1-0000-00AZ7 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEWHT-L1-0000-00AZ7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com