Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF510 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # BF510
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF510 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button BF510 Datasheet HTML 49Page - NXP Semiconductors BF510 Datasheet HTML 50Page - NXP Semiconductors BF510 Datasheet HTML 51Page - NXP Semiconductors BF510 Datasheet HTML 52Page - NXP Semiconductors BF510 Datasheet HTML 53Page - NXP Semiconductors BF510 Datasheet HTML 54Page - NXP Semiconductors BF510 Datasheet HTML 55Page - NXP Semiconductors BF510 Datasheet HTML 56Page - NXP Semiconductors BF510 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
54
NXP Semiconductors RF Manual 16th edition
NXP’s BGU703x and BGU704x low-noise amplifiers (LNAs)
upgrade overall picture quality with improved signal handling
(NF, dynamic range), while reducing the number of external
components.
Produced in NXP’s own QUBiC4+ Si BiCMOS process, they
improve signal handling by compensating for the signal loss at
the tuner switch. This can improve system performance by as
much as 7 to 10 dB.
The BGU7031, BGU7041, and BGU7044 are LNAs with fixed gain.
The BGU7032, BGU7042, and BGU7045 have an additional
bypass mode, and the BGU7033 adds two gain levels along
with the bypass mode. In bypass mode, the devices consume
less than 5 mA of current. Integrated biasing and 75 Ω
matching reduces footprint by eliminating as many as 15
components compared to discrete solutions.
All the devices can be used with discrete or Si can tuners, as
well as with on-board tuners. They deliver more robust ESD
performance compared to GaAs solutions, withstanding >2 kV
human body model (HBM) and >1.5 kV charged device model
(CDM).
Key features
 Internally biased
 Fixed G
p = 10 dB: BGU7031 (5 V), BGU7041 (3.3 V), and
Fixed G
p = 14 dB: BGU7044 (3.3 V)
 Programmable between G
p = 10 dB and
bypass: BGU7032 (5 V), BGU7042 (3.3 V), and programmable
between G
p = 14 dB and bypass: BGU7045 (3.3 V)
 Programmable between G
p = 10 dB, 5 dB and bypass:
BGU7033 (5 V)
 Flat gain between 40 MHz and 1 GHz
 Output power at 1 dB gain compression (P
L(1 dB) ) ranging
from 9 to 14 dBm
 Noise figure as low as 2.8 dB
 High linearity with an OIP3 of 29 dBm
 75 Ω input and output impedance
 Power-down during bypass mode
 ESD protection >2 kV HBM, >1.5 kV CDM on all pins
Key trends
 Multiple tuners in TV, DVR/PVR, and set-top box
applications, requiring improved signal handling
 Use of 3.3 V Si tuner ICs, perfect match with our 3.3 V LNAs
(BGU704x)
Applications
 Terrestrial and cable set-top boxes (STBs)
 Silicon and can tuners
 Personal and digital video recorders (PVRs and DVRs)
 Home networking and in-house signal distribution
BGU703x evaluation board
2.3TVandsatellite
2.3.1
LNAswithprogrammablegain&bypassoptionforimprovedtunerperformance
NXP LNAs BGU703x &BGU704x for TVs/STBs
Designed for high linearity and low noise, these 3.3 and 5 V wideband LNAs support multi-tuner applications
in TVs, DVR/PVRs, and STBs operating between 40 MHz and 1 GHZ. A unique programmable gain with
bypass mode compensates for tuner switch signal loss (important in multi-tuner systems), and improves
overall system performance by 7 to 10 dB.


Similar Part No. - BF510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
Quanzhou Jinmei Electro...
BF510 JMNIC-BF510_15 Datasheet
40Kb / 7P
   N-channel silicon field-effect transistors
BF510_2015 JMNIC-BF510_2015 Datasheet
40Kb / 7P
   N-channel silicon field-effect transistors
More results

Similar Description - BF510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com