Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FUF5400 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FUF5400
Description  Glass Passivated Ultrafast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FUF5400 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  FUF5400 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FUF5400 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings
50V-1000V
3.0A
FUF5400 THRU FUF5408
Glass Passivated Ultrafast Recovery Rectifier
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW LEAKAGE
HIGH SURGE CAPABILITY
HIGH TEMPERATURE SOLDERING GUARANTEED:
260°C 0.375” (9.5mm) LEAD LENGTHS FOR 10 SECONDS AT
5 LBS.(2.3KG)TENSION
CASE: MOLDED PLASTIC, DO41, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-
202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE END
MOUNTING POSITION: ANY
WEIGHT: 0.34 GRAMS
FUF 5401
100
Peak Recurrent reverse voltage (V)
Maximum RMS voltage
Maximum DC blocking voltage
Forward current at Tamb = 55 °C
Recurrent peak forward surge current
8.3 ms. peak forward surge current
V
RRM
VRMS
VDC
I
F(AV)
I
FRM
I
FSM
3 A
30 A
150 A
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 150 °C
– 65 to + 150 °C
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 3 A
I
R
5 µ A
1.3 V
Max. reverse current at V
RRM
t
rr
Max. reverse recovery time from
50 ns
FUF 5402
200
FUF 5404
400
FUF 5406
600
FUF 5407
800
I
F = 0.5 A
; IR = 1 A ; I
RR = 0.25 A
R
thj-a
Max. thermal resistance ( l = 10 mm.)
30 °C/W
FUF 5400
50
75 ns
1.7 V
at 25 ºC
35
50
70
100
140
200
280
400
420
600
560
800
(Jedec Method)
C
j
Typical Junction Capacitance at 1 MHz
and reverse voltaje of 4V
DC
45 pF
E
RSM
Maximum non repetitive peak
reverse avalanche energy.
IR = 1A ; TJ = 25 ºC
20 mJ
FUF 5408
1000
700
1000


Similar Part No. - FUF5400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
   3 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
Frontier Electronics.
FUF5400 FRONTIER-FUF5400 Datasheet
134Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - FUF5400

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
FUF4001 TAYCHIPST-FUF4001 Datasheet
2Mb / 2P
   Glass Passivated Ultrafast Recovery Rectifier
31DF2 TAYCHIPST-31DF2 Datasheet
1Mb / 2P
   Glass Passivated Ultrafast Recovery Rectifier
logo
Pan Jit International I...
UF100GS PANJIT-UF100GS_09 Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G_09 Datasheet
113Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100GS PANJIT-UF100GS_05 Datasheet
428Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_04 Datasheet
72Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF1010G-AU PANJIT-UF1010G-AU Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G_04 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
   3 Amp. Glass Passivated Ultrafast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com