Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSW-105-01-G-D Datasheet(PDF) 17 Page - ATMEL Corporation

Part # SSW-105-01-G-D
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SSW-105-01-G-D Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button SSW-105-01-G-D Datasheet HTML 13Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 14Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 15Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 16Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 17Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 18Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 19Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 20Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
PB1
NC
Not Connected
PB2
NC
PB3
Tied to PB7 with R11
USART (Receive)
1
PB4
Software Power Control
CLIENT Socket
PB5
NC
PB6
HOST Signal Pin
Bit-banging
PB7
CLIENT Signal Pin
Bit-banging / USART (Transmit )
1
GND
GND
GND
VCC
VCC
VCC
Table 3.
Mapping AT88CK109BK3 to the STK500 and STK600
STK500 / STK600
AT88CK109BK3
Comments
Px0
NC
-
Px1
NC
-
Px2
Tied to Px3 with R11
1
USART (Receive)
1
Px3
CLIENT Signal Pin
Bit-banging / USART (Transmit )
1
Px4
HOST Signal Pin
Bit-banging
Px5
Software Power Control
HOST Socket
Px6
Software Power Control
CLIENT Socket
Px7
NC
-
GND
GND
GND
VTG
VCC
VCC
Figure 18. AT88CK109BK3 Mounted to the STK500
1 See section 3.12
Note 3:
“x” in Table 3 denotes any port on the STK500 and STK600


Similar Part No. - SSW-105-01-G-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
More results

Similar Description - SSW-105-01-G-D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com