Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0603-16W-1001FT Datasheet(PDF) 9 Page - ATMEL Corporation

Part # CR0603-16W-1001FT
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

CR0603-16W-1001FT Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button CR0603-16W-1001FT Datasheet HTML 5Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 6Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 7Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 8Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 9Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 10Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 11Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 12Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Note 1:
For the AT88SA100, AT88SA102, and the AT88SA10HS devices, 5.0V is
required to burn the fuses.
Note 2:
The AT88Microbase is shipped with a 16MHz crystal, which allows the
AT90USB1287 on-chip USART to obtain the 230.4K baud rate (-3.5%
error) required to communicate with a CryptoAuthentication device. The
16MHz crystal requires that
5
.
5
VCC
5
.
4
. To operate the
AT88Microbase below 4.5V, the 16MHz crystal must be replaced with an
8MHz crystal. The ABM3B-8.000MHZ-B2-T 8MHz crystal is a drop-in
replacement.
3.2.2
Power LED, “LEDP”
The blue LED (LEDP) is always lit when power is applied to the AT88Microbase regardless of the
voltage supply.
Figure 4.
Power on LED “LEDP”
3.3
RESET
Although the AT90USB1287 has its on-chip RESET circuitry, (c.f. AT90USB1287 Datasheet,
section “System Control and Reset”), the AT88Microbase provides two additional means to reset
the AT90USB1287.
3.3.1
Power-on Reset
The on-board RC network acts as power-on RESET.
3.3.2
RESET Push Button
By pressing the RESET push button on the AT88Microbase, a warm RESET of the AT90USB1287
AVR is performed.
Figure 5.
RESET Push Button (AVR RESET) Implementation


Similar Part No. - CR0603-16W-1001FT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CR0603-16W-1004F SILABS-CR0603-16W-1004F Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results

Similar Description - CR0603-16W-1001FT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com