Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4936 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FM4936
Description  SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FM4936 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  FM4936 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FM4936 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-600V
1.0A
FM4933 THRU FM4937
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
Ldeal for surface mounted applications
Low leakage current
Glass passivated chips
Fast switching
High temperature soldering guaranteed
o
250 C/10 seconds/.375 , (9.5mm) lead lengths
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals, solderable per
MIL-STD-202, Method208
Polarity Red Color band on body denotes cathode
Mounting position
Any
Weight 0.036gram
SOD-123FL
UNITS
0C
-55 to +150
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ
TSTG
1.0
30
1.3
5
100
150
250
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
pF
CJ
15
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TT=55
0C
Peak Forward Surge Current Single Sine-Wave on Rated
Load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 1.0A DC
Maximum DC Reverse Current @TA=25
at Rated DC Blocking Voltage TA=125
0C
0C
Maximum Reverse Recovery Time, Time, Test Conditions
IF = 0.5A, IR = 1.0A, IRR = 0.25A
Typical Junction Capacitance
Operating Junction and Storage Temperature Range
TRR
A
FM4933
50
35
50
FM4934
100
70
100
FM4935
200
140
200
FM4936
400
280
400
FM4937
600
420
600


Similar Part No. - FM4936

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4936 RECTRON-FM4936 Datasheet
30Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
logo
Leshan Radio Company
FM4936 LRC-FM4936 Datasheet
58Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
PACELEADER INDUSTRIAL
FM4936 PACELEADER-FM4936 Datasheet
445Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
logo
Rectron Semiconductor
FM4936L RECTRON-FM4936L Datasheet
337Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FM4936W RECTRON-FM4936W Datasheet
34Kb / 3P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
More results

Similar Description - FM4936

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4933 PACELEADER-FM4933 Datasheet
445Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
RGL341A PACELEADER-RGL341A Datasheet
474Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
RGL34A PACELEADER-RGL34A Datasheet
147Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SMBF202F GOOD-ARK-SMBF202F Datasheet
392Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com