Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ2H2X7R1C105JTXXXX Datasheet(PDF) 3 Page - TDK Electronics

Part # CGJ2H2X7R1C105JTXXXX
Description  CGJ Series Extended Life Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ2H2X7R1C105JTXXXX Datasheet(HTML) 3 Page - TDK Electronics

  CGJ2H2X7R1C105JTXXXX Datasheet HTML 1Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 2Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 3Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 4Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 5Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 6Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 7Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 8Page - TDK Electronics CGJ2H2X7R1C105JTXXXX Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TDK MLCC US Catalog
Version C11
Page 2
CGJ Series
Extended Life Capacitors
Type: CGJ2 (C1005), CGJ3 (C1608),
CGJ4 (C2012), CGJ5 (C3216)
• Extended Life series capacitor featuring increased
evaluation during manufacturing to promote longer life
• Life test performs at 2x rated voltage for 2000 hrs
• Reliability tests based on MIL-STD requirements
• Guaranteed TC Bias and Hot IR performance
• Anti-counterfeit/tamper-proof seal to assist in the
identification of authentic TDK CGJ products. The
condition of the seal also indicates if the product has
been tampered with in the supply chain
• Certificate of Compliance (CofC) documentation is
provided for each CGJ lot. Consumers of CGJ products
can view each lot specific CofC on the TDK website
• Available optional UHF (Ultra High Frequency) RFID
tag to allow integration with customer RFID programs
such as inventory management
• CGJ customer priority backed by TDK factory support
by 3/3/7 policy (3hrs: acknowledgement, 3 days:
response with initial failure mode, 7 days: full failure
analysis report)
Applications
• Smart Meter
•Smart Grid
• Solar Inverters
• Charging station
• Applications that require extended life
performance
Features
Shape &
Dimension
s
Dimensions in mm
Part Number
Construction
Series Name
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Internal Codes
CGJ 5 L 2 X7R 1A 106 K T XXXX
Symbol
Length
Width
2
1.00 ± 0.05
0.50 ± 0.05
3
1.60 ± 0.10
0.80 ± 0.10
4
2.00 ± 0.20
1.25 ± 0.20
5
3.20 ± 0.20
1.60 ± 0.20
3.20 +0.30/-0.10
1.60 +0.30/-0.10
Symbol
Thickness
B
0.50 mm
C
0.60 mm
E
0.80 mm
F
0.85 mm
Symbol
Thickness
H
1.15 mm
J
1.25 mm
L
1.60 mm
Symbol
Condition
22 × R.V.
Temperature
Characteristic
s
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/ºC
-55 to +125ºC
X7R
± 15%
-55 to +125ºC
Packaging Code
Style
T
Tape & Reel
Tolerance Code
Tolerance
J
± 5%
K
± 10%
M
± 20%
The capacitance is expressed in three digit codes and
in units of pico Farads (pF). The first and second digits
identify the first and second significant figures of the
capacitance. The third digit identifies the multiplier.
R designates a decimal point.
Capacitance Code
Capacitance
0R5
0.5pF
010
1pF
102
1,000pF (1nF)
105
1,000,000pF (1µF)
L
Body Length
W
Body Width
T
Body Height
B
Terminal Width
Voltage
Code
Voltage (DC)
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
Voltage Condition for Life Test
Temperature Characteristic
Dimensions L x W (mm)
Thickness T (mm)


Similar Part No. - CGJ2H2X7R1C105JTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2H2X7R1C105J TDK-CGJ2H2X7R1C105J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
More results

Similar Description - CGJ2H2X7R1C105JTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
   XOL ??extended operating life
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
   Extended Life - High voltage
logo
Tadiran Batteries GmbH
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
   XOL ??extended operating life
SL-861 TADIRN-SL-861 Datasheet
385Kb / 1P
   XOL ??extended operating life
SL-2880 TADIRN-SL-2880 Datasheet
408Kb / 1P
   XOL ??extended operating life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com