Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39LF020-45-4I-WH Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST39LF020-45-4I-WH
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF020-45-4I-WH Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST39LF020-45-4I-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39LF020-45-4I-WH Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
9
©2001 Silicon Storage Technology, Inc.
S71150-03-000
6/01
395
AC CHARACTERISTICS
TABLE
9: READ CYCLE TIMING PARAMETERS
VDD = 3.0-3.6V FOR SST39LF512/010/020/040 AND 2.7-3.6V FOR SST39VF512/010/020/040
Symbol Parameter
SST39LF512-45
SST39LF010-45
SST39LF020-45
SST39LF040-45
SST39LF020-55
SST39LF040-55
SST39VF512-70
SST39VF010-70
SST39VF020-70
SST39VF040-70
SST39VF512-90
SST39VF010-90
SST39VF020-90
SST39VF040-90
Units
Min
Max
Min
Max
Min
Max
Min
Max
TRC
Read Cycle Time
45
55
70
90
ns
TCE
Chip Enable Access Time
45
55
70
90
ns
TAA
Address Access Time
45
55
70
90
ns
TOE
Output Enable Access Time
30
30
35
45
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
0
0
ns
TCHZ1
CE# High to High-Z Output
15
15
25
30
ns
TOHZ1
OE# High to High-Z Output
15
15
25
30
ns
TOH1
Output Hold from Address Change
000
0
ns
T9.2 395
TABLE 10: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Byte-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
40
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TSCE
Chip-Erase
100
ms
T10.1 395


Similar Part No. - SST39LF020-45-4I-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF020-45-4I-WHE SST-SST39LF020-45-4I-WHE Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39LF020-45-4I-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com