Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-12F2A0 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SLIN-12F2A0
Description  2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-12F2A0 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SLIN-12F2A0 Datasheet HTML 1Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 2Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 3Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 4Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 5Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 6Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 7Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 8Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
2
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
December 2, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Continuous Input Voltage
-0.3
-
6
V
Operating Ambient Temperature
-40
-
85
°C
Storage Temperature
-55
-
125
°C
Note: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These
are absolute stress ratings only, functional operation of the device is not implied at these or any other
conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute
maximum ratings for extended periods can adversely affect the device reliability.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Operating Input Voltage
2.4
-
5.5
V
Input Current (full load)
-
-
11
A
VIN=2.4V to 5.5V, IO=IO, max
-
36
-
mA
VIN=5.0V, Vo=0.6V, IO=0, module enabled
Input Current (no load)
-
81
-
mA
VIN=5.0V, Vo=3.3V, IO=0, module enabled
Input Stand-by Current
-
3
-
mA
VIN = 5V, module disabled
Input Reflected Ripple Current
(pk-pk)
-
49
-
mA
5Hz to 20MHz, 1μH source impedance; VIN
=0 to 5.5V, IO= IOmax
I
2t Inrush Current Transient
-
-
1
A
2s
Input Ripple Rejection (120Hz)
-
-30
-
dB
Turn-on Threshold
-
-
2.2
V
Turn-off Threshold
1.75
-
-
V
Hysteresis
0.08
-
0.2
V
CAUTION: This converter is not internally fused. An input line fuse must be used in application.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to
an integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not
included; however, to achieve maximum safety and system protection, always use an input line fuse. The safety
agencies require a fast-acting fuse with a maximum rating of 15A. Based on the information provided in this
data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be
used. Refer to the fuse manufacturer’s data sheet for further information.
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.


Similar Part No. - SLIN-12F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-12F2A0 BEL-SLIN-12F2A0 Datasheet
430Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-12F2A0 BEL-SLIN-12F2A0 Datasheet
1Mb / 25P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-12F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-12F1AX BEL-SLIN-12F1AX Datasheet
439Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLAN-12D2AX BEL-SLAN-12D2AX Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
SRPE-12E1A0 BEL-SRPE-12E1A0 Datasheet
696Kb / 13P
   0.6 ??5.5 VDC / 12 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLAN-06D2AX BEL-SLAN-06D2AX Datasheet
1Mb / 25P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
SRBC-16E4AX BEL-SRBC-16E4AX Datasheet
475Kb / 14P
   4.5 Vdc - 14 Vdc Input 0.75 Vdc - 3.63 Vdc/16 A Output
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
VRP3-60E1A0 BEL-VRP3-60E1A0_10 Datasheet
742Kb / 11P
   5 Vdc - 13.8 Vdc Input 0.6 Vdc - 5.0 Vdc/60 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com