Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2520-0000-000N0HP40E5 Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA2520-0000-000N0HP40E5
Description  Cree짰 XLamp짰 CXA2520 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N0HP40E5 Datasheet(HTML) 2 Page - Cree, Inc

  CXA2520-0000-000N0HP40E5 Datasheet HTML 1Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 2Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 3Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N0HP40E5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
2
XLamp CXa2520 LED
characteristics
characteristics
unit
minimum
typical
maximum
effective thermal resistance, junction to case
°C/w
0.8
viewing angle (FwHm)
degrees
115
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
mA
550
1250
Reverse current
mA
0.1
Forward voltage (@ 550 mA, 85 °C)
v
36
Forward voltage (@ 550 mA, 25 °C)
v
37
42
LeD junction temperature
°C
150
Temperature coefficient of voltage
mv/°C
-21
fluX characteristics, standard order codes and bins (i
f = 550 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA2520 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 13).
color
cct
range
base order codes
min. luminous flux
@ 550 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
easywhite
5000K
Q4
2260
2560
50H
CXA2520-0000-000N00Q450H
50F
CXA2520-0000-000N00Q450F
R2
2420
2741
CXA2520-0000-000N00R250H
CXA2520-0000-000N00R250F
4000K
Q2
2100
2379
40H
CXA2520-0000-000N00Q240H
40F
CXA2520-0000-000N00Q240F
Q4
2260
2560
CXA2520-0000-000N00Q440H
CXA2520-0000-000N00Q440F
R2
2420
2741
CXA2520-0000-000N00R240H
CXA2520-0000-000N00R240F
3500K
p4
1965
2226
35H
CXA2520-0000-000N00p435H
35F
CXA2520-0000-000N00p435F
Q2
2100
2379
CXA2520-0000-000N00Q235H
CXA2520-0000-000N00Q235F
Q4
2260
2560
CXA2520-0000-000N00Q435H
CXA2520-0000-000N00Q435F
3000K
p4
1965
2226
30H
CXA2520-0000-000N00p430H
30F
CXA2520-0000-000N00p430F
Q2
2100
2379
CXA2520-0000-000N00Q230H
CXA2520-0000-000N00Q230F
2700K
p2
1830
2073
27H
CXA2520-0000-000N00p227H
27F
CXA2520-0000-000N00p227F
p4
1965
2226
CXA2520-0000-000N00p427H
CXA2520-0000-000N00p427F
Q2
2100
2379
CXA2520-0000-000N00Q227H
CXA2520-0000-000N00Q227F
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80.
minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70.
Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75.
*
Flux values @ 25 °C are calculated and for reference only.


Similar Part No. - CXA2520-0000-000N0HP40E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520-0000-000N00P227F CREE-CXA2520-0000-000N00P227F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P227H CREE-CXA2520-0000-000N00P227H Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P427F CREE-CXA2520-0000-000N00P427F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P427H CREE-CXA2520-0000-000N00P427H Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P430F CREE-CXA2520-0000-000N00P430F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
More results

Similar Description - CXA2520-0000-000N0HP40E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com