Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-320 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-320
Description  320W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-320 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RSP-320 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-320 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-320 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC Fan
Built-in fan speed control
3 years warranty
¡¼
1U low profile 30mm
Optional conformal coating (RSP-320-
CC)
LED indicator for power on
SPECIFICATION
RSP-320-4
RSP-320-3.3
RSP-320-5
RSP-320-7.5
RSP-320-12
RSP-320-2.5
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
4V
3.3V
5V
7.5V
12V
2.5V
60A
60A
60A
40A
26.7A
60A
0~60A
0~60A
0~60A
0~40A
0~26.7A
0~60A
240W
198W
300W
300W
320.4W
150W
100mVp-p
100mVp-p
150mVp-p
150mVp-p
150mVp-p
100mVp-p
2.35~2.85V
3.7~4.3V
2.97~3.8V
4.5~5.5V
6~9V
10~13.2V
¡Ó2.0%
¡Ó2.0%
¡Ó2.0%
¡Ó2.0%
¡Ó1.0%
¡Ó2.0%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.3%
¡Ó0.5%
¡Ó1.0%
¡Ó1.5%
¡Ó1.0%
¡Ó1.0%
¡Ó0.5%
¡Ó1.5%
1500ms,50ms/230VAC3000ms,50ms/115VACatfullload
8msatfullload230VAC/115VAC
88~264VAC124~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
83%
84.5%
86%
88%
88%
79.5%
20A/115VAC40A/230VAC
<1mA /240VAC
105~135%ratedoutputpower
3.8~4.5V
4.5~5.3V
5.75~6.75V
9.4~10.9V
13.8~16.2V
85
5
(TSW1)
¢J¡Ó ¢J
2.88~3.38V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
80
5
(TSW1)detectonheatsinkofpowertransistor
¢J¡Ó ¢J
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1, TUVEN60950-1 approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:2KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
¢J
-30~+70
¢J (Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
¢J
¡Ó
¢J
¢J)
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
206.5Khrsmin.MIL-HDBK-217F(25
)
¢J
215*115*30mm(L*W*H)
0.9Kg;15pcs/14.5Kg/0.81CUFT
¡½ Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
¢J
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
EMCIMMUNITY
EMCEMISSION
R S P - 3 2 0 series
320WSingleOutputwithPFCFunction
2.7A/115VAC1.5 A/230VAC
5A/115VAC2.5 A/230VAC
ACCURRENT (Typ.)
FileName:RSP-320-SPEC 2012-08-21


Similar Part No. - RSP-320

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
RSP-3000 MEANWELL-RSP-3000 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
logo
Total Power Internation...
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
More results

Similar Description - RSP-320

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320_1109 MEANWELL-SP-320_1109 Datasheet
415Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320DRL ASTRODYNE-SP320DRL Datasheet
873Kb / 3P
   320W Single Output with PFC Function
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320_11 Datasheet
257Kb / 2P
   320W Quad Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com