Electronic Components Datasheet Search |
|
SST39LF020-90-4C-B3H Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc |
|
SST39LF020-90-4C-B3H Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc |
9 / 24 page Data Sheet 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040 SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040 9 ©2001 Silicon Storage Technology, Inc. S71150-03-000 6/01 395 AC CHARACTERISTICS TABLE 9: READ CYCLE TIMING PARAMETERS VDD = 3.0-3.6V FOR SST39LF512/010/020/040 AND 2.7-3.6V FOR SST39VF512/010/020/040 Symbol Parameter SST39LF512-45 SST39LF010-45 SST39LF020-45 SST39LF040-45 SST39LF020-55 SST39LF040-55 SST39VF512-70 SST39VF010-70 SST39VF020-70 SST39VF040-70 SST39VF512-90 SST39VF010-90 SST39VF020-90 SST39VF040-90 Units Min Max Min Max Min Max Min Max TRC Read Cycle Time 45 55 70 90 ns TCE Chip Enable Access Time 45 55 70 90 ns TAA Address Access Time 45 55 70 90 ns TOE Output Enable Access Time 30 30 35 45 ns TCLZ1 1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. CE# Low to Active Output 0 0 0 0 ns TOLZ1 OE# Low to Active Output 0 0 0 0 ns TCHZ1 CE# High to High-Z Output 15 15 25 30 ns TOHZ1 OE# High to High-Z Output 15 15 25 30 ns TOH1 Output Hold from Address Change 000 0 ns T9.2 395 TABLE 10: PROGRAM/ERASE CYCLE TIMING PARAMETERS Symbol Parameter Min Max Units TBP Byte-Program Time 20 µs TAS Address Setup Time 0 ns TAH Address Hold Time 30 ns TCS WE# and CE# Setup Time 0 ns TCH WE# and CE# Hold Time 0 ns TOES OE# High Setup Time 0 ns TOEH OE# High Hold Time 10 ns TCP CE# Pulse Width 40 ns TWP WE# Pulse Width 40 ns TWPH1 1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. WE# Pulse Width High 30 ns TCPH1 CE# Pulse Width High 30 ns TDS Data Setup Time 40 ns TDH1 Data Hold Time 0 ns TIDA1 Software ID Access and Exit Time 150 ns TSE Sector-Erase 25 ms TSCE Chip-Erase 100 ms T10.1 395 |
Similar Part No. - SST39LF020-90-4C-B3H |
|
Similar Description - SST39LF020-90-4C-B3H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |