Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3107N Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3107N
Description  IF Amplifier for M-ary FSK Pagers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3107N Datasheet(HTML) 1 Page - Sony Corporation

  CXA3107N Datasheet HTML 1Page - Sony Corporation CXA3107N Datasheet HTML 2Page - Sony Corporation CXA3107N Datasheet HTML 3Page - Sony Corporation CXA3107N Datasheet HTML 4Page - Sony Corporation CXA3107N Datasheet HTML 5Page - Sony Corporation CXA3107N Datasheet HTML 6Page - Sony Corporation CXA3107N Datasheet HTML 7Page - Sony Corporation CXA3107N Datasheet HTML 8Page - Sony Corporation CXA3107N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
—1—
E96303A8Z
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
7.0
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
Operating Condition
Supply voltage
VCC
1.1 to 4.0
V
Description
The CXA3107N is a low current consumption FM
IF amplifier which employs the newest bipolar
process. It is suitable for M-ary FSK pagers.
Features
• Low current consumption: 570 µA
(typ. at VCC=1.4 V)
• Low voltage operation: VCC=1.1 to 4.0 V
• Small package 20-pin SSOP
• Needless of IF decoupling capacitor
• Reference power supply for operational amplifier
and comparator
• Bit rate filter with variable cut-off
• Misoperation prevention function for continuous
data
• RSSI function
• IF input, Vcc standard
Applications
• M-ary FSK pagers
Function
Plastic
Structure
Bipolar silicon monolithic IC
IF Amplifier for M-ary FSK Pagers
20 pin SSOP (Plastic)
CXA3107N
For the availability of this product, please contact the sales office.


Similar Part No. - CXA3107N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Similar Description - CXA3107N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com