Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVGC-150 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HVGC-150
Description  150W Single Output LED Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVGC-150 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HVGC-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HVGC-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HVGC-150 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVGC-150 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVGC-150 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVGC-150 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
50%
60%
70%
80%
90%
100%
480V
347V
277V
230V
Derating Curve
Static Characteristics
INPUT VOLTAGE (V) 60Hz
180
347
440
480
100
90
80
70
60
50
40
DIM+
(B Type)
DIM-
Fosc : 80KHz
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
O.T.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
Block Diagram
AMBIENT TEMPERATURE ( )
-40
-25
-10
0
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
Power Factor Characteristic
LOAD
Constant Current Mode
(150W)
200
150W Single Output LED Power Supply
H V G C - 1 5 0 series
File Name:HVGC-150-SPEC 2012-01-03


Similar Part No. - HVGC-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVGC-150 MEANWELL-HVGC-150_13 Datasheet
379Kb / 7P
   150W Single Output LED Power Supply
More results

Similar Description - HVGC-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
   150W Single Output LED Power Supply
HVGC-150 MEANWELL-HVGC-150_13 Datasheet
379Kb / 7P
   150W Single Output LED Power Supply
LPC-150 MEANWELL-LPC-150 Datasheet
88Kb / 2P
   150W Single Output LED Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com