Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDS3C16GTH Datasheet(PDF) 9 Page - EPCOS

Part # CDS3C16GTH
Description  High-speed series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDS3C16GTH Datasheet(HTML) 9 Page - EPCOS

Back Button CDS3C16GTH Datasheet HTML 5Page - EPCOS CDS3C16GTH Datasheet HTML 6Page - EPCOS CDS3C16GTH Datasheet HTML 7Page - EPCOS CDS3C16GTH Datasheet HTML 8Page - EPCOS CDS3C16GTH Datasheet HTML 9Page - EPCOS CDS3C16GTH Datasheet HTML 10Page - EPCOS CDS3C16GTH Datasheet HTML 11Page - EPCOS CDS3C16GTH Datasheet HTML 12Page - EPCOS CDS3C16GTH Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
1
Taping and packing for chip and array CeraDiodes
1.1
Cardboard tape (taping to IEC 60286-3)
Dimensions in mm
Case size (inch)
0201
0402
0603
1003
0508
Tolerance
(mm)
0603
1005
1608
2508
1220
Compartment width
A0
0.38
±0.05 0.6
0.95
1.0
1.6
±0.2
Compartment length
B0
0.68
±0.05 1.15
1.8
2.85
2.4
±0.2
Sprocket hole diameter
D0
1.5
±0.1
1.5
1.5
1.5
1.5
+0.1/
0
Sprocket hole pitch
P0
4.0
±0.11) 4.0
4.0
4.0
4.0
±0.11)
Distance center hole to center
compartment
P2
2.0
±0.05 2.0
2.0
2.0
2.0
±0.05
Pitch of component compartments
P1
2.0
±0.05 2.0
4.0
4.0
4.0
±0.1
Tape width
W
8.0
±0.3
8.0
8.0
8.0
8.0
±0.3
Distance edge to center of hole
E
1.75
±0.1 1.75
1.75
1.75
1.75
±0.1
Distance center hole to center
compartment
F
3.5
±0.05 3.5
3.5
3.5
3.5
±0.05
Distance compartment to edge
G
1.35 min.
0.75
0.75
0.75
0.75
min.
Thickness tape
T
0.35
±0.02 0.6
0.9
1.0
0.95
max.
Overall thickness
T2
0.4 min.
0.7
1.1
1.1
1.12
max.
1)
≤ ±0.2 mm over 10 sprocket holes
CeraDiodes
High-speed series
Page 9 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CDS3C16GTH

ManufacturerPart #DatasheetDescription
logo
EPCOS
CDS3C15GTA EPCOS-CDS3C15GTA Datasheet
175Kb / 8P
   CeraDiode Reliable ESD protection of single lines
More results

Similar Description - CDS3C16GTH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590D EPCOS-B72590D Datasheet
556Kb / 22P
   High-speed series
logo
STMicroelectronics
STGWA40H65DFB STMICROELECTRONICS-STGWA40H65DFB Datasheet
967Kb / 17P
   High speed switching series
June 2016 Rev 1
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
   High speed switching series
November 2016 Rev 8
logo
Littelfuse
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
   L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
   L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
   HIGH-SPEED HIGH-SPEED STATIC RAM
logo
Samtec, Inc
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
   High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
logo
Formosa MS
CDSS355 FORMOSA-CDSS355 Datasheet
76Kb / 2P
   High Speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com