Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBWT-L1-0000-00BE7 Datasheet(PDF) 8 Page - Cree, Inc

Part # XPEBWT-L1-0000-00BE7
Description  Cree짰 XLamp짰 XP-E2 LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-L1-0000-00BE7 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XPEBWT-L1-0000-00BE7 Datasheet HTML 4Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 5Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 6Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 7Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 8Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 9Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 10Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 11Page - Cree, Inc XPEBWT-L1-0000-00BE7 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
8
xlamp xp-e2 leds
reflow solderinG characteristics
In testing, Cree has found XLamp Xp-E2 LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed
below. As a general guideline, Cree recommends that users follow the recommended soldering profile provided by the
manufacturer of solder paste used.
Note that this general guideline may not apply to all pCB designs and configurations of reflow soldering equipment.
Profile Feature
lead-based solder
lead-free solder
Average Ramp-Up Rate (Ts
max to Tp)
3 °C/second max.
3 °C/second max.
preheat: Temperature Min (Ts
min)
100 °C
150 °C
preheat: Temperature Max (Ts
max)
150 °C
200 °C
preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (T
L)
183 °C
217 °C
Time Maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
peak/Classification Temperature (Tp)
215 °C
260 °C
Time Within 5 °C of Actual peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6 °C/second max.
6 °C/second max
Time 25 °C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - XPEBWT-L1-0000-00BE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00BE7 CREE-XPEBWT-L1-0000-00BE7 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00BE7 CREE-XPEBWT-L1-0000-00BE7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-L1-0000-00BE7 CREE-XPEBWT-L1-0000-00BE7 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBWT-L1-0000-00BE7 CREE-XPEBWT-L1-0000-00BE7 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
More results

Similar Description - XPEBWT-L1-0000-00BE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com