Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDS2C16GTH Datasheet(PDF) 3 Page - EPCOS

Part # CDS2C16GTH
Description  High-speed series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDS2C16GTH Datasheet(HTML) 3 Page - EPCOS

  CDS2C16GTH Datasheet HTML 1Page - EPCOS CDS2C16GTH Datasheet HTML 2Page - EPCOS CDS2C16GTH Datasheet HTML 3Page - EPCOS CDS2C16GTH Datasheet HTML 4Page - EPCOS CDS2C16GTH Datasheet HTML 5Page - EPCOS CDS2C16GTH Datasheet HTML 6Page - EPCOS CDS2C16GTH Datasheet HTML 7Page - EPCOS CDS2C16GTH Datasheet HTML 8Page - EPCOS CDS2C16GTH Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max = 85
°C) and characteristics (T
A = 25
°C)
Type
Ordering code
VDC,max
V
VBR,min
(1 mA)
V
Vclamp,max
(1 A)
V
Ctyp
(1 MHz, 1 V)
pF
Cmax
(1 MHz, 1 V)
pF
Array, 2/4 data + 1 supply, 0506, SOT-666
CDA3C05GTH
B72755D0050H062
5.6
106
395
2.2
3.5
Array, 2/4 data + 1 supply, 1012, SOT-23 6L
CDA6C05GTH
B72735D0050H062
5.6
52
195
7
10
Array, 4-fold, 0508, no semiconductor diode equivalent
CDA4C16GTH
B72714D0160H060
16
22
66
10
15
Array, 4-fold, 0612, no semiconductor diode equivalent
CDA5C16GTH
B72724D0160H062
16
80
350
3
5
Single, 0201, no semiconductor diode equivalent
CDS1C05GTH1
B72440C0050H160
5.5
17
33
7
-
CDS1C05GTH2
B72440C0050H260
5.5
20
66
3
-
CDS1C05GTH
B72440D0050H060
5.6
21
70
6
10
Single, 0402, SOD-723
CDS2C05HDMI1 B72590D0050H160
5.6
150
-
0.6
0.9
CDS2C05HDMI2 B72590D0050H260
5.6
90
-
0.6
0.9
CDS2C12GTH
B72590D0120H060
12
20
66
4.5
-
CDS2C15GTH
B72590D0150H060
15
23
66
10
15
CDS2C16GTH
B72590D0160H060
16
65
290
2
3
CDS2C20GTH
B72590D0200H060
20
30
80
10
13
Single, 0603, SOD-523
CDS3C05HDMI1 B72500D0050H160
5.6
150
-
0.6
0.9
CDS3C16GTH
B72500D0160H060
16
65
290
3
5
CDS3C30GTH
B72500D0300H060
30
50
120
10
15
Single, 1003, SOD-323
CDS4C16GTH
B72570D0160H060
16
38
146
3
5
Typical characteristics
CeraDiodes
High-speed series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CDS2C16GTH

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
CDS201 EPLUSE-CDS201 Datasheet
1Mb / 9P
   Room Sensor for CO2, Temperature and Relative Humidity
10-2023
More results

Similar Description - CDS2C16GTH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590D EPCOS-B72590D Datasheet
556Kb / 22P
   High-speed series
logo
STMicroelectronics
STGWA40H65DFB STMICROELECTRONICS-STGWA40H65DFB Datasheet
967Kb / 17P
   High speed switching series
June 2016 Rev 1
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
   High speed switching series
November 2016 Rev 8
logo
Littelfuse
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
   L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
   L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
   HIGH-SPEED HIGH-SPEED STATIC RAM
logo
Samtec, Inc
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
   High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
logo
Formosa MS
CDSS355 FORMOSA-CDSS355 Datasheet
76Kb / 2P
   High Speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com