Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2530-0000-000N00S227F Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA2530-0000-000N00S227F
Description  Cree짰 XLamp짰 CXA2530 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2530-0000-000N00S227F Datasheet(HTML) 2 Page - Cree, Inc

  CXA2530-0000-000N00S227F Datasheet HTML 1Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 2Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 3Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 4Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 5Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 6Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 7Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 8Page - Cree, Inc CXA2530-0000-000N00S227F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
2
XLamp CXa2530 LED
characteristics
characteristics
unit
minimum
typical
maximum
effective thermal resistance, junction to case
°C/w
0.8
viewing angle (FwHm)
degrees
115
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
mA
800
1500
Reverse current
mA
0.1
Forward voltage (@ 800 mA, 85 °C)
v
37
Forward voltage (@ 800 mA, 25 °C)
v
37.9
42
LeD junction temperature
°C
150
Temperature coefficient of voltage
mv/°C
-14.6
fluX characteristics, standard order codes and bins (i
f = 800 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA2530 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 13).
color
cct
range
base order codes
min. luminous flux
@ 800 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
easywhite
5000K
T4
3440
3879
50H
CXA2530-0000-000N00T450H
50F
CXA2530-0000-000N00T450F
U2
3680
4150
CXA2530-0000-000N00U240H
CXA2530-0000-000N00U240F
4000K
T2
3200
3609
40H
CXA2530-0000-000N00T240H
40F
CXA2530-0000-000N00T240F
T4
3440
3879
CXA2530-0000-000N00T440H
CXA2530-0000-000N00T440F
U2
3680
4150
CXA2530-0000-000N00U240H
CXA2530-0000-000N00U240F
3500K
S4
2990
3372
35H
CXA2530-0000-000N00S435H
35F
CXA2530-0000-000N00S435F
T2
3200
3609
CXA2530-0000-000N00T235H
CXA2530-0000-000N00T235F
T4
3440
3879
CXA2530-0000-000N00T435H
CXA2530-0000-000N00T435F
3000K
S4
2990
3372
30H
CXA2530-0000-000N00S430H
30F
CXA2530-0000-000N00S430F
T2
3200
3609
CXA2530-0000-000N00T230H
CXA2530-0000-000N00T230F
2700K
S2
2780
3135
27H
CXA2530-0000-000N00S227H
27F
CXA2530-0000-000N00S227F
S4
2990
3372
CXA2530-0000-000N00S427H
CXA2530-0000-000N00S427F
T2
3200
3609
CXA2530-0000-000N00T227H
CXA2530-0000-000N00T227F
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80.
minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70.
Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75.
*
Flux values @ 25 °C are calculated and for reference only.


Similar Part No. - CXA2530-0000-000N00S227F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2530-0000-000N00S227F CREE-CXA2530-0000-000N00S227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Similar Description - CXA2530-0000-000N00S227F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com