Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STN6303 Datasheet(PDF) 2 Page - Stanson Technology

Part No. STN6303
Description  STN6303 is the dual N-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANSON [Stanson Technology]
Homepage  http://www.stansontech.com
Logo 

STN6303 Datasheet(HTML) 2 Page - Stanson Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STN6303
Dual N Channel Enhancement Mode MOSFET
1.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STN6303 2008. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25
Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
23
V
Gate-Source Voltage
VGSS
+/-20
V
TA=25℃
1.0
Continuous Drain Current
(TJ=150
)
TA=70℃
ID
0.6
A
Pulsed Drain Current
IDM
2.5
A
Continuous Source Current (Diode Conduction)
IS
0.6
A
TA=25℃
0.35
Power Dissipation
TA=70℃
PD
0.19
W
Operation Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150
T≦10sec
360
Thermal Resistance-Junction to
Ambient
Steady State
RθJA
400
/W


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn