Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1507-0000-000N00G40E3 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA1507-0000-000N00G40E3
Description  Cree짰 XLamp짰 CXA1507 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00G40E3 Datasheet(HTML) 1 Page - Cree, Inc

  CXA1507-0000-000N00G40E3 Datasheet HTML 1Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00G40E3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product family data sheet
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo and XLamp® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa1507 led
Product descriPtion
The XLamp CXA1507 LeD array
expands Cree’s family of high-
flux, multi-die arrays in a smaller,
easy-to-use
platform.
with
XLamp
lighting-class
reliability,
the
CXA1507’s
small,
uniform
emitting
surface
enables
both
directional
and
non-directional
lighting applications including lamp
retrofit and luminaire designs.
Available in 2-step and 4-step color
consistency, and featuring a 9-mm
optical source, the CXA1507 brings
new levels of flux and efficacy to
this form factor.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easywhite bins at 2700K,
3000K, 3500K, 4000K and
5000K CCT
• 80 and 90 minimum CRI
options
• Forward voltage: 37 v
• 85 °C binning and
characterization
• maximum drive current:
375 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL-3 2011 standard flux
bins
• RoHS- and ReACh-compliant
• UL-recognized component
(e349212)
table of contents
Characteristics .............................. 2
Flux Characteristics, Standard order
Codes and Bins ............................. 2
Flux Characteristics, Standard order
Codes and Bins, 90 CRI .................. 4
Flux Characteristics, Standard order
Codes and Bins, 80 CRI .................. 5
Relative Spectral power Distribution . 6
Relative Luminous Flux vs. Junction
Temperature ................................. 6
electrical Characteristics................. 7
Relative Luminous Flux vs. Current .. 7
Relative Chromaticity vs. Current and
Temperature ................................. 8
Typical Spatial Distribution.............. 9
performance Groups - Brightness .... 9
performance Groups - Chromaticity.10
Cree easywhite Bins plotted on the
1931 CIe Color Space ...................11
Cree ANSI white Bins plotted on the
1931 CIe Color Space ...................12
Bin and order Code Formats ..........13
mechanical Dimensions..................13
Notes..........................................14
packaging....................................15


Similar Part No. - CXA1507-0000-000N00G40E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507-0000-000N00G40E3 CREE-CXA1507-0000-000N00G40E3 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00G40E3 CREE-CXA1507-0000-000N00G40E3 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1507-0000-000N00G40E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com