Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC6332 Datasheet(PDF) 1 Page - Stanson Technology

Part # STC6332
Description  The STC6332 is the N & P-Channel enhancement mode power field effect transistor using high cell density DMOS trench technology.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC6332 Datasheet(HTML) 1 Page - Stanson Technology

  STC6332 Datasheet HTML 1Page - Stanson Technology STC6332 Datasheet HTML 2Page - Stanson Technology STC6332 Datasheet HTML 3Page - Stanson Technology STC6332 Datasheet HTML 4Page - Stanson Technology STC6332 Datasheet HTML 5Page - Stanson Technology STC6332 Datasheet HTML 6Page - Stanson Technology STC6332 Datasheet HTML 7Page - Stanson Technology STC6332 Datasheet HTML 8Page - Stanson Technology STC6332 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STC
STC
STC
STC6332
6332
6332
6332
N&P Pair Enhancement Mode MOSFET
0.95A / -1A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STC6332 2009. V1
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The STC6332 is the N & P-Channel enhancement mode power field effect transistor
using high cell density DMOS trench technology. This high density process is
especially tailored to minimize on-state resistance and provide superior switching
performance. This device is particularly suited for low voltage application such as
notebook computer power management and other battery powered circuits, where
high-side switching, low in-line power loss and resistance to transient are needed.
PIN
PIN
PIN
PIN CONFIGURATION
CONFIGURATION
CONFIGURATION
CONFIGURATION
SO
SO
SO
SOT-363/SC-70-6L
T-363/SC-70-6L
T-363/SC-70-6L
T-363/SC-70-6L
PART
PART
PART
PART MARKING
MARKING
MARKING
MARKING
FEATURE
FEATURE
FEATURE
FEATURE
N-Channel
N-Channel
N-Channel
N-Channel
20V/0.95A, RDS(ON) = 380mΩ (Typ.)
@VGS = 4.5V
20V/0.75A, RDS(ON) = 450mΩ
@VGS = 2.5V
20V/0.65A, RDS(ON) = 800mΩ
@VGS = 1.8V
P-Channel
P-Channel
P-Channel
P-Channel
-20V/-1.0A, RDS(ON) = 520mΩ(Typ.)
@VGS = -4.5V
-20V/-0.8A, RDS(ON)= 700mΩ
@VGS = - 2.5V
-20V/-0.7A, RDS(ON)= 700mΩ
@VGS = - 1.8V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-363(SC-70-6L) package design


Similar Part No. - STC6332

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
List of Unclassifed Man...
STC6342L ETC1-STC6342L Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC6342M ETC1-STC6342M Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC6342R ETC1-STC6342R Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC6342S ETC1-STC6342S Datasheet
110Kb / 13P
   UP Supervisor Circuits
More results

Similar Description - STC6332

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STP4407 STANSON-STP4407 Datasheet
545Kb / 6P
   The STP4407 is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
ST3422A STANSON-ST3422A Datasheet
338Kb / 6P
   The ST3422A is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
ST3400SRG STANSON-ST3400SRG Datasheet
547Kb / 6P
   The ST3400SRG is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
ST2319SRG STANSON-ST2319SRG Datasheet
229Kb / 8P
   ST2319SRG is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
ST2318SRG STANSON-ST2318SRG Datasheet
221Kb / 7P
   ST2318SRG is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
logo
Shenzhen Huazhimei Semi...
HM603BK HMSEMI-HM603BK Datasheet
938Kb / 8P
   N & P-Channel enhancement mode power field effect transistor using high cell density DMOS trench technology.
HM609BK HMSEMI-HM609BK Datasheet
2Mb / 8P
   N & P-Channel enhancement mode power field effect transistor using high cell density DMOS trench technology.
logo
Stanson Technology
STP6308 STANSON-STP6308 Datasheet
420Kb / 6P
   STP6308 is the dual P-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4435A STANSON-STP4435A Datasheet
311Kb / 6P
   STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9527 STANSON-STP9527 Datasheet
927Kb / 7P
   STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com