Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3071N Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA3071N
Description  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3071N Datasheet(HTML) 3 Page - Sony Corporation

  CXA3071N Datasheet HTML 1Page - Sony Corporation CXA3071N Datasheet HTML 2Page - Sony Corporation CXA3071N Datasheet HTML 3Page - Sony Corporation CXA3071N Datasheet HTML 4Page - Sony Corporation CXA3071N Datasheet HTML 5Page - Sony Corporation CXA3071N Datasheet HTML 6Page - Sony Corporation CXA3071N Datasheet HTML 7Page - Sony Corporation CXA3071N Datasheet HTML 8Page - Sony Corporation CXA3071N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
– 3 –
CXA3071N
Pin Description
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
1
2
3
4
HEAD1A
HEAD1B
HEAD0A
HEAD0B
Magnetic head inputs/outputs.
Connect the recording/playback magnetic
head to these pins, and connect the center
tap to VCC. When the logical voltage for
Pin 15 (XS1) is Low, the HEAD1 system is
active; when the logical voltage is High,
the HEAD0 system is active.
GND
2
3
4
1
5
GND
GND connection.
6
ERA0
7
ERA1
8
9
10
PON
OUT
MONI-
TORA
4.0V
during
filter
output
3.4V
during
pre-
amplifier
output
4.0V
during
filter
output
3.4V
during
pre-
amplifier
output
MONI-
TORB
Erase output for the HEAD0 system.
Erase output for the HEAD1 system.
Reduced voltage detection output. This is
an open collector that outputs a low signal
when VCC is below the specified value.
MONITOR differential outputs.
These pins are set to filter output during
normal read mode, but the preamplifier
output can be monitored by temporarily
setting Pin 20 (SETR) to Low.
VCC
GND
6
7
VCC
GND
8
100k
100k
500µ
500µ
9
10
VCC
GND


Similar Part No. - CXA3071N

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E3 CREE-CXA3070-0000-000N00AB0E3 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E5 CREE-CXA3070-0000-000N00AB0E5 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40F CREE-CXA3070-0000-000N00AB40F Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40H CREE-CXA3070-0000-000N00AB40H Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Similar Description - CXA3071N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com