Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7420D26G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7420D26G
Description  LIN Transceiver with 3.3V or 5 V Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7420D26G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7420D26G Datasheet HTML 4Page - ON Semiconductor NCV7420D26G Datasheet HTML 5Page - ON Semiconductor NCV7420D26G Datasheet HTML 6Page - ON Semiconductor NCV7420D26G Datasheet HTML 7Page - ON Semiconductor NCV7420D26G Datasheet HTML 8Page - ON Semiconductor NCV7420D26G Datasheet HTML 9Page - ON Semiconductor NCV7420D26G Datasheet HTML 10Page - ON Semiconductor NCV7420D26G Datasheet HTML 11Page - ON Semiconductor NCV7420D26G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
NCV7420
http://onsemi.com
8
Electrical Characteristics
Definitions
All voltages are referenced to GND (Pin 11). Positive currents flow into the IC.
Table 6. ABSOLUTE MAXIMUM RATINGS – 3.3 V and 5 V versions
Symbol
Parameter
Min
Max
Unit
Vbb
Battery voltage on pin Vbb (Note 9)
−0.3
+45
V
Vcc
DC voltage on pin Vcc
0
+7
V
I_Vcc
Current delivered by the Vcc regulator
50
mA
V_LIN
LIN bus voltage (Note 10)
−45
+45
V
V_INH
DC voltage on inhibit pin
−0.3
Vbb + 0.3
V
V_WAKE
DC voltage on WAKE pin
−45
45
V
V_Dig_in
DC input voltage on pins TxD, RxD, EN, STB
−0.3
Vcc + 0.3
V
Tjunc
Maximum junction temperature
−40
+165
°C
Vesd
Electrostatic discharge voltage on all pins; HBM (Note 11)
−2
+2
kV
Electrostatic discharge voltage on LIN, INH, WAKE and Vbb towards GND; HBM (Note
11)
−4
+4
kV
Electrostatic discharge on LIN, WAKE and Vbb; system HBM (Note 12)
−8
+8
kV
Electrostatic discharge voltage on all pins; CDM (Note 14)
−500
+500
V
Vesd
(EMC/ESD
improved
versions)
Electrostatic discharge voltage on all pins; HBM (Note 11)
−4
+4
kV
Electrostatic discharge voltage on LIN, INH, WAKE and Vbb towards GND; HBM (Note
11)
−6
+6
kV
Electrostatic discharge on LIN, WAKE and Vbb; system HBM (Note 13)
−12
+12
kV
Electrostatic discharge voltage on all pins; CDM (Note 14)
−750
+750
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
9. The applied transients shall be in accordance with ISO 7637 part 1, test pulses 1, 2, 3a, 3b, and 5. The device complies with functional class
C; class A can be reached depending on the application and external components.
10.The applied transients shall be in accordance with ISO 7637 part 1, test pulses 1, 2, 3a, and 3b. The device complies with functional class
C; class A can be reached depending on the application and external components.
11. Equivalent to discharging a 100 pF capacitor through a 1500 W resistor.
12.Equivalent to discharging a 150 pF capacitor through a 330 W resistor conform to IEC Standard 61000−4−2. LIN bus filter 220 pF, Vbb blocking
capacitor 100 nF, 3k3/10n R/C network on WAKE.
13.Equivalent to discharging a 150 pF capacitor through a 330 W resistor conform to IEC Standard 61000−4−2. No filter on LIN, Vbb blocking
capacitor 100 nF, 3k3/10n R/C network on WAKE.
14.Charged device model according ESD-STM5.3.1.


Similar Part No. - NCV7420D26G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420D26G ONSEMI-NCV7420D26G Datasheet
238Kb / 20P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com