Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7420D24R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7420D24R2G
Description  LIN Transceiver with 3.3V or 5 V Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7420D24R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7420D24R2G Datasheet HTML 1Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 2Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 3Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 4Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 5Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 6Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 7Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 8Page - ON Semiconductor NCV7420D24R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NCV7420
http://onsemi.com
4
Figure 2. Typical Application Diagram
KL30
LIN−BUS
KL31
LIN
Master Node
GND
Micro
controller
GND
INH
VBB
VBAT
GND
WAKE
LIN
Slave Node
GND
Micro
controller
VBAT
GND
WAKE
10uF
VCC
VCC
10uF 100nF
TEST
OTP_ZAP
GND
INH
VBB
VCC
TEST
OTP_ZAP
LIN
WAKE
10uF 100nF
VCC
LIN
WAKE
EN
STB
TxD
RxD
EN
STB
TxD
RxD
10uF
Table 4. PIN DESCRIPTION
Pin
Name
Description
1
VBB
Battery supply input
2
LIN
LIN bus output/input
3
GND
Ground
4
GND
Ground
5
WAKE
High voltage digital input pin to switch the part from sleep− to standby mode
6
INH
Inhibit output
7
OTP_ZAP
Supply for programming of trimming bits at factory testing, should be grounded in the application
8
TEST
Digital input for factory testing, should be grounded in the application
9
EN
Enable input, transceiver in normal operation mode when high
10
STB
Standby mode control input
11
GND
Ground
12
TxD
Transmit data input, low in dominant state
13
RxD
Receive data output; low in dominant state; push−pull output
14
Vcc
Supply voltage (output)
Overall Functional Description
LIN is a serial communication protocol that efficiently
supports the control of mechatronic nodes in distributed
automotive applications. The domain is class−A multiplex
buses with a single master node and a set of slave nodes.
NCV7420 is designed as a master or slave node for the
LIN communication interface with an integrated 3.3 V or
5 V voltage regulator having a current capability up to
50 mA
for
supplying
any
external
components
(microcontroller).
NCV7420 contains the LIN transmitter, LIN receiver,
voltage regulator, power−on−reset (POR) circuits and
thermal shutdown (TSD). The LIN transmitter is optimized
for the maximum specified transmission speed of 20 kBaud
with EMC performance due to reduced slew rate of the LIN
output.
The junction temperature is monitored via a thermal
shutdown circuit that switches the LIN transmitter and
voltage regulator off when temperature exceeds the TSD
trigger level.
NCV7420 has four operating states (normal mode, low
slope mode, stand−by mode, and sleep mode) that are
determined by the input signals EN, WAKE, STB, and TxD.
Operating States
NCV7420 provides four operating states, two modes for
normal operation with communication, one stand-by
without communication and one low power mode with very
low current consumption. See Figure 3.


Similar Part No. - NCV7420D24R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420D24R2G ONSEMI-NCV7420D24R2G Datasheet
238Kb / 20P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com