Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7425DW0G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV7425DW0G
Description  LIN Transceiver with Voltage Regulator and Reset Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7425DW0G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV7425DW0G Datasheet HTML 6Page - ON Semiconductor NCV7425DW0G Datasheet HTML 7Page - ON Semiconductor NCV7425DW0G Datasheet HTML 8Page - ON Semiconductor NCV7425DW0G Datasheet HTML 9Page - ON Semiconductor NCV7425DW0G Datasheet HTML 10Page - ON Semiconductor NCV7425DW0G Datasheet HTML 11Page - ON Semiconductor NCV7425DW0G Datasheet HTML 12Page - ON Semiconductor NCV7425DW0G Datasheet HTML 13Page - ON Semiconductor NCV7425DW0G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCV7425
http://onsemi.com
10
Table 6. DC CHARACTERISTICS − 3.3 V VERSION
VBB = 5 V to 28 V; TJ = −40°C to +150°C; unless otherwise specified.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
DC CHARACTERISTICS − DIGITAL I/O PINS
PINS TxD AND STB
Vih
High level input voltage
2.0
V
Rpu
Pull−up resistance to VCC
50
200
kW
PIN INH
Delta_VH
High level voltage drop
IINH = 15 mA
0.35
0.75
V
Ileak
Leakage current
Sleep mode; VINH = 0 V
−1
1
mA
PIN EN
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2.0
V
Rpd
Pull−down resistance to ground
50
200
kW
PIN RxD
Vol
Low level output voltage
Isink = 2 mA
0.65
V
Voh
High level output voltage
(In Normal mode)
Normal mode,
Isource = −2 mA
VCC
0.65
V
Rpu
Pull−up resistance to VCC
(In Standby and Sleep mode)
Standby mode,
Sleep mode
10
kW
PIN RSTN
Vol
Low level output voltage
Isink = 2 mA
0.65
V
Rpu
Pull−up resistance to VCC
50
200
kW
DC CHARACTERISTICS
POWER−ON RESET
PORH_VBB
VBB POR high level detection threshold
4.5
V
PORL_VBB
VBB POR low level detection threshold
1.7
3.8
V
POR_VBB_sl
Maximum slope on VBB to guarantee
POR
2
V/ms
THERMAL SHUTDOWN
TJ_tsd
Junction temperature
For shutdown
165
195
°C
TJ_hyst
Thermal shutdown hysteresis
9
18
°C
12.Measured at output voltage VCC_OUT = (VCC_OUT @ VBB = 5 V) − 2%.
13.The voltage drop in Normal mode between LIN and VBB pin is the sum of the diode drop and the drop at serial pull up resistor. The drop
at the switch is negligible. See Figure 2.
14.Guaranteed by design. Not tested


Similar Part No. - NCV7425DW0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7425DW0G ONSEMI-NCV7425DW0G Datasheet
291Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2015 ??Rev. 3
More results

Similar Description - NCV7425DW0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425_15 Datasheet
291Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2015 ??Rev. 3
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com