Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7340D14R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7340D14R2G
Description  High Speed Low Power CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7340D14R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7340D14R2G Datasheet HTML 2Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 3Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 4Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 5Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 6Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 7Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 8Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 9Page - ON Semiconductor NCV7340D14R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NCV7340
http://onsemi.com
6
Table 5. CHARACTERISTICS VCC = 4.75 V to 5.25 V; TJ = −40 to +150°C; RLT = 60 W unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY (Pin VCC)
ICC
Supply current
Dominant; VTxD = 0 V
Recessive; VTxD = VCC
35
5
75
10
mA
ICCS
Supply current in standby mode
TJ,max = 100°C
10
15
mA
TRANSMITTER DATA INPUT (Pin TxD)
VIH
High−level input voltage
Output recessive
2.0
VCC
V
VIL
Low−level input voltage
Output dominant
−0.3
+0.8
V
IIH
High−level input current
VTxD = VCC
−5
0
+5
mA
IIL
Low−level input current
VTxD = 0 V
−350
−200
−75
mA
Ci
Input capacitance
Not tested
5
10
pF
TRANSMITTER MODE SELECT (Pin STB)
VIH
High−level input voltage
Standby mode
2.0
VCC
V
VIL
Low−level input voltage
Normal mode
−0.3
+0.8
V
IIH
High−level input current
VSTB = VCC
−5
0
+5
mA
IIL
Low−level input current
VSTB = 0 V
−10
−4
−1
mA
Ci
Input capacitance
Not tested
5
10
pF
RECEIVER DATA OUTPUT (Pin RxD)
Ioh
High−level output current
normal mode
VRxD = VCC – 0.4 V
−1
−0.4
−0.1
mA
Iol
Low−level output current
VRxD = 0.4 V
2
6
12
mA
Voh
High−level output voltage
standby mode
IRxD = −100 mA
VCC
1.1
VCC
0.7
VCC
0.4
V
BUS LINES (Pins CANH and CANL)
Vo(reces) (norm)
Recessive bus voltage on pins CANH and
CANL
VTxD = VCC; no load
normal mode
2.0
2.5
3.0
V
Vo(reces) (stby)
Recessive bus voltage on pins CANH and
CANL
VTxD = VCC; no load
standby mode
−100
0
100
mV
Io(reces) (CANH)
Recessive output current at pin CANH
−35 V < VCANH < +35 V;
0 V < VCC < 5.25 V
−2.5
+2.5
mA
Io(reces) (CANL)
Recessive output current at pin CANL
−35 V < VCANL < +35 V;
0 V < VCC < 5.25 V
−2.5
+2.5
mA
ILI(CANH)
Input leakage current to pin CANH
VCC = 0 V
VCANL = VCANH = 5 V
−10
0
10
mA
ILI(CANL_
Input leakage current to pin CANL
VCC = 0 V
VCANL = VCANH = 5 V
−10
0
10
mA
Vo(dom) (CANH)
Dominant output voltage at pin CANH
VTxD = 0 V
3.0
3.6
4.25
V
Vo(dom) (CANL)
Dominant output voltage at pin CANL
VTxD = 0 V
0. 5
1.4
1.75
V
Vo(dif) (bus_dom)
Differential bus output voltage (VCANH
VCANL)
VTxD = 0 V; dominant;
42.5 W < RLT < 60 W
1.5
2.25
3.0
V
Vo(dif) (bus_rec)
Differential bus output voltage (VCANH
VCANL)
VTxD = VCC; recessive; no
load
−120
0
+50
mV
Io(sc) (CANH)
Short circuit output current at pin CANH for
the NCV7340D13(R2)G
VCANH = 0 V; VTxD = 0 V
−100
−70
−45
mA
Short circuit output current at pin CANH for
NCV7340D12(R2)G & NCV7340D14(R2)G
VCANH = 0 V; VTxD = 0 V
−120
−70
−45
mA


Similar Part No. - NCV7340D14R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340D14R2G ONSEMI-NCV7340D14R2G Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
NCV7340D14R2G ONSEMI-NCV7340D14R2G Datasheet
111Kb / 12P
   High Speed Low Power CAN Transceiver
October, 2014 ??Rev. 8
More results

Similar Description - NCV7340D14R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com