Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7340D14G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV7340D14G
Description  High Speed Low Power CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7340D14G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV7340D14G Datasheet HTML 1Page - ON Semiconductor NCV7340D14G Datasheet HTML 2Page - ON Semiconductor NCV7340D14G Datasheet HTML 3Page - ON Semiconductor NCV7340D14G Datasheet HTML 4Page - ON Semiconductor NCV7340D14G Datasheet HTML 5Page - ON Semiconductor NCV7340D14G Datasheet HTML 6Page - ON Semiconductor NCV7340D14G Datasheet HTML 7Page - ON Semiconductor NCV7340D14G Datasheet HTML 8Page - ON Semiconductor NCV7340D14G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCV7340
http://onsemi.com
2
Table 1. KEY TECHNICAL CHARACTERISTICS AND OPERATING RANGES
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Power supply voltage
4.75
5.25
V
VSTB
DC voltage at pin STB
0
VCC
V
VTxD
DC voltage at pin TxD
0
VCC
V
VRxD
DC voltage at pin RxD
0
VCC
V
VCANH
DC voltage at pin CANH
0 < VCC < 5.25 V; no time limit
−50
+50
V
VCANL
DC voltage at pin CANL
0 < VCC < 5.25 V; no time limit
−50
+50
V
VSPLIT
DC voltage at pin VSPLIT
0 < VCC < 5.25 V; no time limit
−40
+40
V
VO(dif)(bus_dom)
Differential bus output voltage in
dominant state
42.5 W < RLT < 60 W
1.5
3
V
CM−range
Input common−mode range for
comparator
Guaranteed differential receiver threshold
and leakage current
−35
+35
V
Cload
Load capacitance on IC outputs
15
pF
tpd(rec−dom)
Propagation delay TxD to RxD
See Figure 7
75
230
ns
tpd(dom−rec)
Propagation delay TxD to RxD
See Figure 7
75
245
ns
TJ
Junction temperature
−40
150
°C
BLOCK DIAGRAM
VSPLIT
Mode &
wakeup
control
Wakeup
Filter
NCV7340
STB
GND
RxD
VCC
2
3
7
6
COMP
COMP
5
Timer
VCC
TxD
1
Driver
control
Thermal
shutdown
VCC
8
4
VSPLIT
VCC
POR
CANH
CANL
Figure 1. Block Diagram


Similar Part No. - NCV7340D14G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340D14G ONSEMI-NCV7340D14G Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
More results

Similar Description - NCV7340D14G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com