Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLT3410 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT3410
Description  SURFACE MOUNT DUAL LOW VCE(SAT) SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT3410 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT3410_11 Datasheet HTML 1Page - Central Semiconductor Corp CMLT3410_11 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLT3410 NPN
CMLT7410 PNP
CMLT3474 NPN/PNP
SURFACE MOUNT
DUAL LOW VCE(SAT)
SILICON TRANSISTORS
DESCRIPTION:
These CENTRAL SEMICONDUCTOR dual devices
are low VCE(SAT) silicon transistors in a PICOmini™
surface mount package designed for small signal
general purpose amplifier and switching applications
requiring low collector emitter saturation voltage.
MARKING CODES: CMLT3410: C34
CMLT7410: C74
CMLT3474: C37
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
1.5
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
NPN
PNP
SYMBOL
TEST CONDITIONS
MIN
TYP
TYP
MAX
UNITS
ICBO
VCB=40V
100
nA
IEBO
VEB=6.0V
100
nA
BVCBO
IC=100µA
40
V
BVCEO
IC=10mA
25
V
BVEBO
IE=100µA
6.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
25
30
50
mV
VCE(SAT)
IC=100mA, IB=10mA
40
50
75
mV
VCE(SAT)
IC=200mA, IB=20mA
80
95
150
mV
VCE(SAT)
IC=500mA, IB=50mA
190
205
250
mV
VCE(SAT)
IC=800mA, IB=80mA
290
320
400
mV
VCE(SAT)
IC=1.0A, IB=100mA
360
400
450
mV
VBE(SAT)
IC=800mA, IB=80mA
1.1
V
VBE(ON)
VCE=1.0V, IC=10mA
0.9
V
hFE
VCE=1.0V, IC=10mA
100
hFE
VCE=1.0V, IC=100mA
100
300
hFE
VCE=1.0V, IC=500mA
100
hFE
VCE=1.0V, IC=1.0A
50
fT
VCE=10V, IC=50mA, f=100MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz (CMLT3410)
6.0
10
pF
Cob
VCB=10V, IE=0, f=1.0MHz (CMLT7410)
10
15
pF
SOT-563 CASE
R3 (1-August 2011)
www.centra lsemi.com


Similar Part No. - CMLT3410_11

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT3410 CENTRAL-CMLT3410_10 Datasheet
513Kb / 2P
   SURFACE MOUNT DUAL LOW VCE(SAT) SILICON TRANSISTORS
CMLT3410 CENTRAL-CMLT3410_15 Datasheet
443Kb / 3P
   SURFACE MOUNT SILICON DUAL TRANSISTORS
More results

Similar Description - CMLT3410_11

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT3410 CENTRAL-CMLT3410_10 Datasheet
513Kb / 2P
   SURFACE MOUNT DUAL LOW VCE(SAT) SILICON TRANSISTORS
CTLM3410-M832D CENTRAL-CTLM3410-M832D Datasheet
408Kb / 2P
   SURFACE MOUNT DUAL, LOW VCE(SAT) SILICON TRANSISTORS
CMLT3410 CENTRAL-CMLT3410 Datasheet
63Kb / 2P
   SURFACE MOUNT PICOmini DUAL LOW VCE(SAT) SILICON TRANSISTORS
CTLT3410-M521 CENTRAL-CTLT3410-M521 Datasheet
167Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE (SAT) TRANSISTORS
CMST3410 CENTRAL-CMST3410_11 Datasheet
407Kb / 2P
   SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410 Datasheet
88Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS
CXT3410 CENTRAL-CXT3410_10 Datasheet
292Kb / 2P
   SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMUT3410 CENTRAL-CMUT3410_12 Datasheet
347Kb / 2P
   SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621 Datasheet
659Kb / 2P
   SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMST3410 CENTRAL-CMST3410_10 Datasheet
407Kb / 2P
   SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com