Electronic Components Datasheet Search |
|
CXA3017R Datasheet(PDF) 1 Page - Sony Corporation |
|
CXA3017R Datasheet(HTML) 1 Page - Sony Corporation |
1 / 83 page Decoder/Driver/Timing Generator for Color LCD Panels Description The CXA3017R is an IC designed to drive the color LCD panels LCX005BK/BKB, LCX009AK/AKB, LCX024AK/AKB, LCX027AK/AKB and DCX501BK. This IC allows two-panel simultaneous and switching drive by simultaneously outputting the timing pulses for the LCX005BK/BKB, LCX009AK/AKB, LCX024AK/AKB, LCX027AK/AKB and DCX501BK. This IC greatly reduces the number of peripheral circuits and parts by incorporating an RGB decoder, driver, and timing generator for video signals onto a single chip. This chip has a built-in serial interface circuit and electronic attenuators which allow various settings to be performed by microcomputer control, etc. Features • Color LCD panel LCX005BK/BKB, LCX009AK/AKB, LCX024AK/AKB, LCX027AK/AKB and DCX501BK driver • Supports two-panel simultaneous and switching drive using the LCX005BK/BKB, LCX009AK/AKB, LCX024AK/AKB, LCX027AK/AKB and the DCX501BK • Supports NTSC and PAL systems • Supports 16:9 wide display (letter box and pulse elimination display) • Supports composite inputs, Y/C inputs and Y/color difference inputs • Serial interface circuit • Electronic attenuators (D/A converter) • VCO • BPF, trap and delay line • Sharpness function • 2-point γ correction circuit • R, G, B signal delay time adjustment circuit • Polarity inversion circuit (line inverted mode) • Supports external RGB input • D/A output pin (0 to 3V, 8 levels) • Supports AC drive for LCD panel during no signal Applications • Compact LCD monitors • LCD viewfinders • Compact liquid crystal projectors, etc. Structure Bi-CMOS IC Absolute Maximum Ratings (Ta = 25°C) • Supply voltage VCC1 – GND1 6 V VCC2 – GND2 14 V VCC3 – GND3 14 V VDD1, 2 – VSS 4.5 V • Analog input pin voltage VINA –0.3 to VCC1V • Digital input pin voltage VIND –0.3 to VDD1 + 0.3V • Operating temperature Topr –15 to +75 °C • Storage temperature Tstg –40 to +125 °C • Allowable power dissipation∗1 PD (Ta ≤ 75°C) Approximately 350mW Operating Conditions Supply voltage VCC1 – GND1 2.7 to 3.6 V VCC2 – GND2 11.0 to 13.5 V VCC3 – GND3 11.0 to 13.5 V VDD1, 2 – VSS 2.7 to 3.6 V ∗1 With substrate Size: 30 × 30 × 1.6mm Material: Glass fabric base epoxy – 1 – E98Y29-PS Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. CXA3017R 64 pin LQFP (Plastic) For the availability of this product, please contact the sales office. |
Similar Part No. - CXA3017R |
|
Similar Description - CXA3017R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |