Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3017R Datasheet(PDF) 78 Page - Sony Corporation

Part # CXA3017R
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3017R Datasheet(HTML) 78 Page - Sony Corporation

Back Button CXA3017R Datasheet HTML 74Page - Sony Corporation CXA3017R Datasheet HTML 75Page - Sony Corporation CXA3017R Datasheet HTML 76Page - Sony Corporation CXA3017R Datasheet HTML 77Page - Sony Corporation CXA3017R Datasheet HTML 78Page - Sony Corporation CXA3017R Datasheet HTML 79Page - Sony Corporation CXA3017R Datasheet HTML 80Page - Sony Corporation CXA3017R Datasheet HTML 81Page - Sony Corporation CXA3017R Datasheet HTML 82Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
– 78 –
CXA3017R
Application Circuit (NTSC/PAL, Y/color difference input)
+3V
47µ
0.01µ
+12V
0.01µ
47µ
0.01µ
2
4
5
6
7
8
9
10
11
12
13
14
15
16
46
40
39
38
37
36
35
34
33
41
42
43
44
45
47
48
49
50
51
52
53
54
55
56
57
58
59
60
63
64
61
62
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
0.33µ
VCC1
VXO IN
APC
B-Y IN
R-Y IN
C OUT
V REG
C IN
RESET
Y IN
TEST2
SYNC IN
VSEP TC
F0 ADJ
GND1
DA OUT
VD
EN2
EN1
XEN1
VCK1
VCK2
VCK3
VCK4
VST
XVST
HD
PCG
XPCG
HCK1
HCK2
VXO OUT
10k
3.3µ
6800p
VDD of connected LCD panel
+15.5V
100k
100k
47µ
0.01µ
+3V
0.01µ
COMP/Y IN
To LCD panel
0.47µ
0.47µ
0.47µ
0.47µ
To LCD panel
To LCD panel
From serial controller
0.1µ
0.1µ
0.1µ
R-Y IN
B-Y IN
3
1
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Similar Part No. - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3010 SONY-CXA3010 Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

Similar Description - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com