Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3017R Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA3017R
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3017R Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3017R Datasheet HTML 3Page - Sony Corporation CXA3017R Datasheet HTML 4Page - Sony Corporation CXA3017R Datasheet HTML 5Page - Sony Corporation CXA3017R Datasheet HTML 6Page - Sony Corporation CXA3017R Datasheet HTML 7Page - Sony Corporation CXA3017R Datasheet HTML 8Page - Sony Corporation CXA3017R Datasheet HTML 9Page - Sony Corporation CXA3017R Datasheet HTML 10Page - Sony Corporation CXA3017R Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
– 7 –
CXA3017R
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description
53
B-Y IN
54
R-Y IN
Y/color difference signal inputs.
When using color difference
input, the standard signal input
level is 0.3Vp-p (75% color bar)
and the clamp level is
approximately 1.7V.
During D-PAL, the COUT (Pin
55) chroma signal is U/V
separated and then input.
Input at low impedance (75
Ω or
less).
53
54
VCC1
GND1
40µA
4k
4k
10k
5k
1k
30µA
55
C OUT
1.2V
Color adjusted chroma signal
output during D-PAL. The
output level is tripled in order
to compensate for the
attenuation of the external U/V
separation delay line. The
standard burst output level is
approximately 200mVp-p.
Leave this pin open in modes
other than D-PAL.
50µA
VCC1
GND1
55
∗ D-PAL is a demodulation method that uses an external delay line during demodulation.
S-PAL is a demodulation method that internally processes chroma demodulation.
52
APC
1.7V
APC detective filter
connection.
Leave this pin open when
using Y/color difference mode.
1k
GND1
VCC1
52
500
56
V REG
2.0V
Smoothing capacitor
connection for the internally
generated constant voltage
source circuit.
Connect a capacitor of 1µF or
more.
VCC1
GND1
18.5k
30k
56
57
C IN
Video signal input when using
composite signal input.
Chroma signal input when
using Y/C signal input.
Leave this pin open when
using Y/color difference mode.
57
50k
VCC1
GND1
15µA
50k
5p
10p
30µA


Similar Part No. - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3010 SONY-CXA3010 Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

Similar Description - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com