Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3017R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA3017R
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3017R Datasheet(HTML) 5 Page - Sony Corporation

  CXA3017R Datasheet HTML 1Page - Sony Corporation CXA3017R Datasheet HTML 2Page - Sony Corporation CXA3017R Datasheet HTML 3Page - Sony Corporation CXA3017R Datasheet HTML 4Page - Sony Corporation CXA3017R Datasheet HTML 5Page - Sony Corporation CXA3017R Datasheet HTML 6Page - Sony Corporation CXA3017R Datasheet HTML 7Page - Sony Corporation CXA3017R Datasheet HTML 8Page - Sony Corporation CXA3017R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
– 5 –
CXA3017R
Analog Block Pin Description
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description
4
TRAP
1.0V
4
VCC1
GND1
200µA
1k
300
75µA
External trap connection.
Connect the trap between this
pin and GND to eliminate the
chroma component.
Leave this pin open when
using Y/C and Y/color
difference mode.
32
DA OUT
0.2 to 2.9V
VDD2
VSS
50k
50k
32
50k
DAC output.
8-level, 7-step DC voltage from
approximately 0.2 to 2.9V is
output from this pin.
34
35
DWN
RGT1
35
34
VCC2
GND2
500
DCX501BK up/down and
right/left inversion switching.
These pins are open collector
outputs, so first connect a
100k
Ω resistor between these
pins and the panel VDD (15.5V)
and then connect to the
DCX501BK.
1
EXT-R
2
EXT-G
3
EXT-B
External digital signal inputs.
There are two thresholds: Vth1
(= 1.0V) and Vth2 (= 2.0V).
When one of the RGB signals
exceeds Vth1, all of the RGB
outputs go to black level; when
an input exceeds Vth2, only
the corresponding output goes
to white level.
Connect these pins to GND
when not used.
VCC1
GND1
25µA
300
1.1V
2
3
1
50k
41
FB B
36
FB PSIG
44
FB G
46
FB R
Smoothing capacitor
connection for the feedback
circuit of R, G, B and PSIG
output DC level control.
Use a low-leakage capacitor
because of high impedance.
VCC1
GND2
100k
36
41
44
46
1k
1k
1.5V
37
GND3
0V
GND for the PSIG circuit.


Similar Part No. - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3010 SONY-CXA3010 Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

Similar Description - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com